Electronic Components Datasheet Search
  English  ▼

X  

LM2767 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2767
Description  LM2767 Switched Capacitor Voltage Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2767 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2767 Datasheet HTML 8Page - Texas Instruments LM2767 Datasheet HTML 9Page - Texas Instruments LM2767 Datasheet HTML 10Page - Texas Instruments LM2767 Datasheet HTML 11Page - Texas Instruments LM2767 Datasheet HTML 12Page - Texas Instruments LM2767 Datasheet HTML 13Page - Texas Instruments LM2767 Datasheet HTML 14Page - Texas Instruments LM2767 Datasheet HTML 15Page - Texas Instruments LM2767 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Table 9-2. Low-ESR Capacitor Manufacturers (continued)
MANUFACTURER
PHONE
WEBSITE
CAPACITOR TYPE
Tokin
(408)-432-8020
www.tokin.com
Ceramic chip capacitors
9.2.2.3 Paralleling Devices
Any number of LM2767 devices can be paralleled to reduce the output resistance. Because there is no closed
loop feedback, as found in regulated circuits, stable operation is assured. Each device must have its own
pumping capacitor C1, while only one output capacitor COUT is needed as shown in Figure 9-3. The composite
output resistance is:
R
OUT =
R
OUT
of each LM 2767
Number of Devices
(4)
Figure 9-3. Lowering Output Resistance by Paralleling Devices
9.2.2.4 Cascading Devices
Cascading the several LM2767 devices is an easy way to produce a greater voltage (a two-stage cascade circuit
is shown in Figure 9-4).
The effective output resistance is equal to the weighted sum of each individual device:
ROUT = 1.5 ROUT_1 + ROUT_2
(5)
Note that increasing the number of cascading stages is practically limited because it significantly reduces the
efficiency, increases the output resistance and output voltage ripple.
Figure 9-4. Increasing Output Voltage By Cascading Devices
9.2.2.5 Regulating VOUT
It is possible to regulate the output of the LM2767 by use of a low dropout regulator (such as LP2980-5.0). The
whole converter is depicted in Figure 9-5.
A different output voltage is possible by use of LP2980-3.3, LP2980-3.0, or LP2980-ADJ.
The following conditions must be satisfied simultaneously for worst case design:
LM2767
SNVS069E – FEBRUARY 2000 – REVISED JANUARY 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM2767



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com