Electronic Components Datasheet Search
  English  ▼

X  

LM2830 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2830
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2830 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2830 Datasheet HTML 9Page - Texas Instruments LM2830 Datasheet HTML 10Page - Texas Instruments LM2830 Datasheet HTML 11Page - Texas Instruments LM2830 Datasheet HTML 12Page - Texas Instruments LM2830 Datasheet HTML 13Page - Texas Instruments LM2830 Datasheet HTML 14Page - Texas Instruments LM2830 Datasheet HTML 15Page - Texas Instruments LM2830 Datasheet HTML 16Page - Texas Instruments LM2830 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
VIN - VOUT
L
=
2iL
DTS
t
L
i

OUT
I
S
T
S
DT
L
VOUT
L
- VOUT
VIN
D =
VOUT + VD
VIN + VD - VSW
D =
VOUT
VIN
LM2830, LM2830-Q1
www.ti.com
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
Typical Applications (continued)
Table 1. Bill of Materials (continued)
PART ID
PART VALUE
MANUFACTURER
PART NUMBER
L1
3.3 µH, 1.3 A
Coilcraft
ME3220-332
R2
15.0 k
Ω, 1%
Vishay
CRCW08051502F
R1
15.0 k
Ω, 1%
Vishay
CRCW08051502F
R3
100 k
Ω, 1%
Vishay
CRCW08051003F
8.2.1.2.1
Inductor Selection
The Duty Cycle (D) can be approximated quickly using the ratio of output voltage (VO) to input voltage (VIN):
(1)
The catch diode (D1) forward voltage drop and the voltage drop across the internal PMOS must be included to
calculate a more accurate duty cycle. Calculate D by using the following formula:
(2)
VSW can be approximated by:
VSW = IOUT × RDSON
(3)
The diode forward drop (VD) can range from 0.3 V to 0.7 V depending on the quality of the diode. The lower the
VD, the higher the operating efficiency of the converter. The inductor value determines the output ripple current.
Lower inductor values decrease the size of the inductor, but increase the output ripple current. An increase in the
inductor value will decrease the output ripple current.
One must ensure that the minimum current limit (1.2 A) is not exceeded, so the peak current in the inductor must
be calculated. The peak current (ILPK) in the inductor is calculated by:
ILPK = IOUT + ΔiL
(4)
Figure 20. Inductor Current
(5)
In general,
ΔiL = 0.1 × (IOUT) → 0.2 × (IOUT)
(6)
If
ΔiL = 20% of 1 A, the peak current in the inductor will be 1.2 A. The minimum ensured current limit over all
operating conditions is 1.2 A. One can either reduce
ΔiL, or make the engineering judgment that zero margin will
be safe enough. The typical current limit is 1.75 A.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com