Electronic Components Datasheet Search
  English  ▼

X  

LM335AMX Datasheet(PDF) 9 Page - Texas Instruments

Part # LM335AMX
Description  LMx35, LMx35A Precision Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM335AMX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM335AMX Datasheet HTML 5Page - Texas Instruments LM335AMX Datasheet HTML 6Page - Texas Instruments LM335AMX Datasheet HTML 7Page - Texas Instruments LM335AMX Datasheet HTML 8Page - Texas Instruments LM335AMX Datasheet HTML 9Page - Texas Instruments LM335AMX Datasheet HTML 10Page - Texas Instruments LM335AMX Datasheet HTML 11Page - Texas Instruments LM335AMX Datasheet HTML 12Page - Texas Instruments LM335AMX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
Feature Description (continued)
•
T is the unknown temperature in degrees Kelvin
•
To is a reference temperature in degrees Kelvin
(1)
By calibrating the output to read correctly at one temperature the output at all temperatures is correct. Nominally
the output is calibrated at 10 mV/K.
Calibrate for 2.982V at 25°C
Figure 12. Calibrated Sensor
7.4 Device Functional Modes
The LM135 has two functional modes calibrated and uncalibrated. For optimum accuracy, a one point calibration
is recommended. For more information on calibration, see Temperature Calibration Using ADJ Pin.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com