Electronic Components Datasheet Search
  English  ▼

X  

CP53 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CP53
Description  IFT COILS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CP53 Datasheet(HTML) 1 Page - Sumida Corporation

  CP53 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type: CP53
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
IFT COILS < SMD Type: CP Series>
◆ Product Description
・6.2×5.9mm Max.(L×W), 3.8mm Max. Height.
・Inductance range:800µH Max., reference unloaded Q:50
・Operating Frequency:15MHz Max.
・In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements.
◆ Feature
・Low profile variable type of tight-space design
・Ideally used in automotive tuner units of high reliabilities.
・RoHS Compliance
◆ Dimensions(mm)
◆ Connection (Bottom)
“S” is winding start
* Dimension does not include solder used on coil.
* Pin pitch shall be measured at the root of terminal.
* Dimension without tolerance are approx.
◆ Specification
NO.
Part No.
Stamp
Inductance
[Variable]※1
Measured
Frequency
Unloaded Q
[MIN.]
01
CP53-4R8C
02
CP53-4R8B
4R8
4.8μH±2%
7.96MHz
55
03
CP53-6R8C
04
CP53-6R8B
6R8
6.8μH±2%
7.96MHz
50
05
CP53-15ØC
06
CP53-15ØB
15Ø
15μH±2%
2.52MHz
45
07
CP53-23ØC
08
CP53-23ØB
23Ø
23μH±2%
2.52MHz
50
* Part No. Description
(1) In case of reel packing: CP53-XXXC
(2) IN case of box packing: CP53-XXXB
3
2
1
4
6
S
3.8 MAX.
2.8
0.7
5.6±0.3
0.8
6.2


Similar Part No. - CP53

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CP5 LITTELFUSE-CP5 Datasheet
177Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
logo
PULS GmbH
CP5.241 PULS-CP5.241 Datasheet
881Kb / 26P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241 PULS-CP5.241 Datasheet
905Kb / 28P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241-C1 PULS-CP5.241-C1 Datasheet
881Kb / 26P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241-C1 PULS-CP5.241-C1 Datasheet
905Kb / 28P
24V, 5A, 120W, SINGLE PHASE INPUT
More results

Similar Description - CP53

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
IFT COILS
P-5LM SUMIDA-P-5LM Datasheet
29Kb / 1P
IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
IFT COILS
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
IFT COILS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com