Electronic Components Datasheet Search
  English  ▼

X  

LM431 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM431
Description  LM431 Adjustable Precision Zener Shunt Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM431 Datasheet(HTML) 1 Page - Texas Instruments

  LM431 Datasheet HTML 1Page - Texas Instruments LM431 Datasheet HTML 2Page - Texas Instruments LM431 Datasheet HTML 3Page - Texas Instruments LM431 Datasheet HTML 4Page - Texas Instruments LM431 Datasheet HTML 5Page - Texas Instruments LM431 Datasheet HTML 6Page - Texas Instruments LM431 Datasheet HTML 7Page - Texas Instruments LM431 Datasheet HTML 8Page - Texas Instruments LM431 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM431
SNVS020H – MAY 2000 – REVISED JANUARY 2016
LM431 Adjustable Precision Zener Shunt Regulator
1 Features
3 Description
The LM431 is a 3-terminal adjustable shunt regulator
1
•
Average Temperature Coefficient 50 ppm/°C
with ensured temperature stability over the entire
•
Temperature Compensated for Operation Over
temperature range of operation. The output voltage
the Full Temperature Range
may be set at any level greater than 2.5 V (VREF) up
•
Programmable Output Voltage
to 36 V merely by selecting two external resistors that
act as a voltage divided network. Due to the sharp
•
Fast Turnon Response
turnon characteristics this device is an excellent
•
Low-Output Noise
replacement for many Zener diode applications.
•
Low-Dynamic Output Impedance
The LM431 is available in space-saving SOIC-8,
•
Available in Space-Saving SOIC-8, SOT-23, and
SOT-23, and TO-92 packages.
TO-92 Packages
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Adjustable Voltage or Current Linear and
SOIC (8)
4.90 mm × 3.91 mm
Switching Power Supplies
LM431
SOT-23 (3)
2.92 mm × 1.30 mm
•
Voltage Monitoring
TO-92 (3)
4.30 mm × 4.30 mm
•
Current Source and Sink Circuits
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Circuits Requiring Precision References
•
Zener Diode Replacements
LM431 Symbol
Functional Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM431

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM431 PHILIPS-LM431 Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Fairchild Semiconductor
LM431 FAIRCHILD-LM431 Datasheet
88Kb / 10P
Programmable Shunt Regulator
logo
National Semiconductor ...
LM431 NSC-LM431 Datasheet
380Kb / 12P
Adjustable Precision Zener Shunt Regulator
LM431 NSC-LM431 Datasheet
870Kb / 13P
Adjustable Precision Zener Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
Shunt Regulator
More results

Similar Description - LM431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 2002
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
SEPTEMBER 2000
logo
Texas Instruments
LM431BIM3_NOPB TI1-LM431BIM3_NOPB Datasheet
1Mb / 23P
LM431 Adjustable Precision Zener Shunt Regulator
logo
Diodes Incorporated
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
FEBRUARY 1998
logo
Texas Instruments
LM431 TI-LM431_15 Datasheet
1Mb / 23P
LM431 Adjustable Precision Zener Shunt Regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com