Electronic Components Datasheet Search
  English  ▼

X  

LM833D Datasheet(PDF) 12 Page - Texas Instruments

Part # LM833D
Description  LM833 Dual High-Speed Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM833D Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM833D Datasheet HTML 8Page - Texas Instruments LM833D Datasheet HTML 9Page - Texas Instruments LM833D Datasheet HTML 10Page - Texas Instruments LM833D Datasheet HTML 11Page - Texas Instruments LM833D Datasheet HTML 12Page - Texas Instruments LM833D Datasheet HTML 13Page - Texas Instruments LM833D Datasheet HTML 14Page - Texas Instruments LM833D Datasheet HTML 15Page - Texas Instruments LM833D Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
-0.5
0.0
0.5
1.0
1.5
Time – µs
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
V
= 15 V
V
= –15 V
A = 1
R = 2 k
C
T = 25°C
CC+
CC–
V
L
A
W
L = 100 pF
Input
Output
-500
-400
-300
-200
-100
0
100
200
300
400
-5
-4
-3
-2
-1
0
1
2
3
4
5
Time – s
T3
VCC+ = 15 V
VCC– = –15 V
BW = 0.1 Hz to 10 Hz
TA = 25°C
LM833
SLOS481B – JULY 2010 – REVISED OCTOBER 2014
www.ti.com
Typical Characteristics (continued)
Figure 35. Low-Frequency Noise
Figure 34. Small Signal Transient Response
12
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LM833



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com