Electronic Components Datasheet Search
  English  ▼

X  

PAC01RT Datasheet(PDF) 6 Page - Vishay Siliconix

Part # PAC01RT
Description  Cemented Leaded Wirewound Precision Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PAC01RT Datasheet(HTML) 6 Page - Vishay Siliconix

  PAC01RT Datasheet HTML 1Page - Vishay Siliconix PAC01RT Datasheet HTML 2Page - Vishay Siliconix PAC01RT Datasheet HTML 3Page - Vishay Siliconix PAC01RT Datasheet HTML 4Page - Vishay Siliconix PAC01RT Datasheet HTML 5Page - Vishay Siliconix PAC01RT Datasheet HTML 6Page - Vishay Siliconix PAC01RT Datasheet HTML 7Page - Vishay Siliconix PAC01RT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PAC.. Series
www.vishay.com
Vishay Draloric
Revision: 14-Mar-17
6
Document Number: 28731
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING
Maximum dissipation (Pmax.) as a function
of the ambient temperature (Tamb)
PERFORMANCE
TEST
PERMISSIBLE CHANGE
Climatic category (LCT/UCT/Days)
55/200/56
Climatic Sequence
IEC 60115-1 4.23
R = ± (0.5 % R + 0.05 )
Damp Heat, Steady State, IEC 60115-1, 4.24
(40 ± 2) °C, 56 days, (93 ± 3) % RH
R = ± (1.0 % R + 0.05 )
Endurance at room temperature (116 % P70), 1000 h,
IEC 60115-1, 4.25.2
R = ± (0.5 % R + 0.05 )
Storage, UCT, IEC 60115-1, 4.25.3
1000 h, 200 °C, no load
R = ± (1.0 % R + 0.05 )
Resistance to Soldering Heat, IEC 60115-1, 4.18
(260 ± 5) °C, (10 ± 1) s
R = ± (0.2 % R + 0.05 )
Robustness of Termination, IEC 60115-1, 4.16
10N
R = ± (0.1 % R + 0.05 )
Short Time Overload, IEC 60115-1, 4.13
10 x Rated Power for 5 s
R = ± (0.2 % R + 0.05 )
0
20
40
60
80
100
50
100
150
200
250
300
AMBIENT TEMPERATURE IN °C
0
25



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com