Electronic Components Datasheet Search
  English  ▼

X  

LM20136 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM20136
Description  LM20136 6A, Synchronous Buck Regulator with Input Synchronization
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM20136 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM20136 Datasheet HTML 9Page - Texas Instruments LM20136 Datasheet HTML 10Page - Texas Instruments LM20136 Datasheet HTML 11Page - Texas Instruments LM20136 Datasheet HTML 12Page - Texas Instruments LM20136 Datasheet HTML 13Page - Texas Instruments LM20136 Datasheet HTML 14Page - Texas Instruments LM20136 Datasheet HTML 15Page - Texas Instruments LM20136 Datasheet HTML 16Page - Texas Instruments LM20136 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
VSS
VFB
VENABLE
VPGOOD
VSWITCH
IL
OVP-
LOW SIDE ON
UVP
PRE-BIASED
STARTUP CONDITION
CURRENT LIMIT
CURRENT LIMIT
DISABLE
VOVP
VUVP
TPGOOD
VFB FOLDBACK
0.8V
2.7V
VOVPHYS
VPGHYS
Soft Start Time
FSW FOLDBACK
`
0.8V
0.0V
`
LM20136
www.ti.com
SNVS564B – JANUARY 2009 – REVISED APRIL 2013
Figure 28. Powergood Behavior
UVLO
The LM20136 has a built-in under-voltage lockout protection circuit that keeps the device from switching until the
input voltage reaches 2.7V (typical). The UVLO threshold has 45 mV of hysteresis that keeps the device from
responding to power-on glitches during start up. If desired the turn-on point of the supply can be changed by
using the precision enable pin and a resistor divider network connected to VIN as shown in Figure 34 in the
design guide.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event that the maximum
junction temperature is exceeded. When activated, typically at 160°C, the LM20136 tri-states the power FETs
and resets soft start. After the junction cools to approximately 150°C, the part starts up using the normal start up
routine. This feature is provided to prevent catastrophic failures from accidental device overheating.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM20136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com