Electronic Components Datasheet Search
  English  ▼

X  

ISC010N06NM5 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # ISC010N06NM5
Description  EiceDRIVER™ F3 Enhanced (1ED332x) – Singlechannel isolated gate driver family with short-circuit protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC010N06NM5 Datasheet(HTML) 2 Page - Infineon Technologies AG

  ISC010N06NM5 Datasheet HTML 1Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 2Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 3Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 4Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 5Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 6Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 7Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EiceDRIVER™ F3 Enhanced (1ED332x) – Single-
channel isolated gate driver family with short-circuit
protection
The EiceDRIVERTM F3 Enhanced (1ED332x) family is an isolated gate
driver family including protection features, such as short-circuit protec-
tion (DESAT), soft-off and active Miller Clamp.
The gate driver family provides typical peak output currents of up to 8.5
A. Its short-circuit protection is suitable for both IGBTs and SiC
MOSFETs. The active Miller Clamp feature makes it ideal for fast-
switching applications with SiC MOSFETs and TRENCHSTOP™ IGBT 7
to avoid parasitic turn-on. The appealing protection feature-set increases
system safety in many applications.
Benefits
 Tight part-to-part propagation delay matching (15 ns. max.) allows
minimum deadtime improving system efficiency and decreasing
harmonic distortion
 UL 1577 VISO = 6.8 kV (rms) for 1 s, 5.7 kV (rms) for 1 min
 IEC 60747-17/VDE 0884-11 with VIORM = 1767 V (peak, rein-
forced)
 The precise threshold and timings, combined with UL 1577 certifi-
cation enable superior application safety
 High isolation capability, can be used in 1500 V DC solar inverter
application
Product collaterals / Online support
Product family page
Block diagram
Features
 For up to 2300 V IGBTs, SiC and Si MOSFETs
 +6 A / -8.5 A typical sinking and sourcing peak output current
 Precise VCE
sat detection (DESAT) with fault output
 Soft turn-off after desaturation detection
 Active Miller Clamp
 40 V absolute maximum output supply voltage
 85 ns propagation delay with 35 ns input filter
 High common-mode transient immunity CMTI >300 kV/μs
 DSO-16 300 mil wide-body package with large creepage distance
(>8 mm)
 Undervoltage lockout (UVLO) protection with hysteresis (for IGBTs
and SiC)
Target applications
 Industrial motor drives - compact, standard, premium, servo drives
 Solar inverters, High-voltage isolated DC-DC converters
 UPS systems
 EV charging
 Energy storage systems
 Commercial air-conditioning (CAC)
 Commercial induction cooking
 Commercial and agricultural vehicles (CAV)
 Server and telecom SMPS
Product overview incl. data sheet link
OPN
SP Number
Package
1ED3321MC12NXUMA1
SP005433357
PG-DSO-16
1ED3322MC12NXUMA1
SP005433359
PG-DSO-16
1ED3323MC12NXUMA1
SP005433361
PG-DSO-16
EVAL1ED3321MC12NTOBO1
SP005679300
Competitive advantage
 Future-proof output current capability supporting trends towards
higher-power inverters and wide-bandgap devices adoption
 Short-circuit protection for both IGBTs and CoolSIC™. Maintains
systems to be short-circuit proof also with SiC MOSFETs
 Tight part-to-part propagation delay matching enables reducing dead
-time and therefore supports highest system-efficiency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com