Electronic Components Datasheet Search
  English  ▼

X  

LM4940 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM4940
Description  LM4940 6W Stereo Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4940 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4940 Datasheet HTML 8Page - Texas Instruments LM4940 Datasheet HTML 9Page - Texas Instruments LM4940 Datasheet HTML 10Page - Texas Instruments LM4940 Datasheet HTML 11Page - Texas Instruments LM4940 Datasheet HTML 12Page - Texas Instruments LM4940 Datasheet HTML 13Page - Texas Instruments LM4940 Datasheet HTML 14Page - Texas Instruments LM4940 Datasheet HTML 15Page - Texas Instruments LM4940 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
LM4940
SNAS219C – OCTOBER 2003 – REVISED MAY 2013
www.ti.com
SELECTING EXTERNAL COMPONENTS
Input Capacitor Value Selection
Two quantities determine the value of the input coupling capacitor: the lowest audio frequency that requires
amplification and desired output transient suppression.
As shown in Figure 26, the input resistor (RIN) and the input capacitor (CIN) produce a high pass filter cutoff
frequency that is found using Equation 5.
fC = 1/2πRiCi
(5)
As an example when using a speaker with a low frequency limit of 50Hz, Ci, using Equation 5 is 0.159µF. The
0.39µF CINA shown in Figure 26 allows the LM4940 to drive high efficiency, full range speaker whose response
extends below 30Hz.
Output Coupling Capacitor Value Selection
The capacitors COUTA and COUTB that block the VDD/2 output DC bias voltage and couple the output AC signal to
the amplifier loads also determine low frequency response. These capacitors, combined with their respective
loads create a highpass filter cutoff frequency. The frequency is also given by Equation 5.
Using the same conditions as above, with a 4
Ω speaker, COUT is 820µF (nearest common valve).
Bypass Capacitor Value
Besides minimizing the input capacitor size, careful consideration should be paid to value of CBYPASS, the
capacitor connected to the BYPASS pin. Since CBYPASS determines how fast the LM4940 settles to quiescent
operation, its value is critical when minimizing turn-on pops. The slower the LM4940's outputs ramp to their
quiescent DC voltage (nominally VDD/2), the smaller the turn-on pop. Choosing CBYPASS equal to 10µF along with
a small value of CIN (in the range of 0.1µF to 0.39µF), produces a click-less and pop-less shutdown function. As
discussed above, choosing CIN no larger than necessary for the desired bandwidth helps minimize clicks and
pops.
OPTIMIZING CLICK AND POP REDUCTION PERFORMANCE
The LM4940 contains circuitry that eliminates turn-on and shutdown transients ("clicks and pops"). For this
discussion, turn-on refers to either applying the power supply voltage or when the micro-power shutdown mode
is deactivated.
As the VDD/2 voltage present at the BYPASS pin ramps to its final value, the LM4940's internal amplifiers are
configured as unity gain buffers and are disconnected from the AMPA and AMPB pins. An internal current source
charges the capacitor connected between the BYPASS pin and GND in a controlled manner. Ideally, the input
and outputs track the voltage applied to the BYPASS pin. The gain of the internal amplifiers remains unity until
the voltage applied to the BYPASS pin.
The gain of the internal amplifiers remains unity until the voltage on the bypass pin reaches VDD/2. As soon as
the voltage on the bypass pin is stable, the device becomes fully operational and the amplifier outputs are
reconnected to their respective output pins. Although the BYPASS pin current cannot be modified, changing the
size of CBYPASS alters the device's turn-on time. Here are some typical turn-on times for various values of
CBYPASS:
CB (µF)
TON (ms)
1.0
120
2.2
120
4.7
200
10
440
12
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com