Electronic Components Datasheet Search
  English  ▼

X  

LM5046 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5046
Description  LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5046 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5046 Datasheet HTML 8Page - Texas Instruments LM5046 Datasheet HTML 9Page - Texas Instruments LM5046 Datasheet HTML 10Page - Texas Instruments LM5046 Datasheet HTML 11Page - Texas Instruments LM5046 Datasheet HTML 12Page - Texas Instruments LM5046 Datasheet HTML 13Page - Texas Instruments LM5046 Datasheet HTML 14Page - Texas Instruments LM5046 Datasheet HTML 15Page - Texas Instruments LM5046 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
HS1
HO1
BST1
LO1
VCC
SR1
SR2
RD1
REF
REF
HS2
HO2
BST2
VCC
RD2
LO2
VOLTAGE
REGULATOR
VCC
UVLO
5V
REFERENCE
LOGIC
OSCILLATOR
DRIVER
LOGIC
VIN
UVLO
OVP
RT
RAMP
SSSR
COMP
CS
SS
RES
AGND
PGND
REF
VCC
0.4V
1.25V
SHUTDOWN
STANDBY
UVLO
HYSTERESIS
20 éA
1.25V
HYSTERESIS
CLK
5V
PWM
1V
5k
1:1
0.75V
+
-
-
+
+
-
+
-
+
-
+
-
HICCUP
MODE
TIMER and
LOGIC
CS
SS
SLOPECOMP
RAMP GENERATOR
SLOPE
DELAY
TIMERS
AND
DRIVER
LOGIC
R
R
SS
SS
Buffer
0 éA
SSOFF
100 éA
20 éA
20 éA
20 éA
30 éA
10 éA
5 éA
5V
THERMAL
LIMIT
(160°C)
S
R
Q
T
Q
Q
HO2
LO2
HO1
LO1
1.0V
CLK + LEB
LM5046
SNVS703H – FEBRUARY 2011 – REVISED NOVEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The LM5046 PWM controller contains all of the features necessary to implement a Phase-Shifted Full-Bridge
(PSFB) topology power converter using either current mode or voltage mode control. This device is intended to
operate on the primary side of an isolated dc-dc converter with input voltage up to 100 V. This highly integrated
controller-driver provides dual 2A high and low side gate drivers for the four external bridge MOSFETs plus
control signals for secondary side synchronous rectifiers. External resistors program the dead-time to enable
Zero-Volt Switching (ZVS) of the primary FETs. Please refer to the Application and Implementation section for
details on the operation of the PSFB topology. Intelligent startup of synchronous rectifier allows turn-on of the
power converter into the pre-bias loads. Cycle-by-cycle current limit protects the power components from load
transients while hiccup mode protection limits average power dissipation during extended overload conditions.
Additional features include programmable soft-start, soft-start of the synchronous rectifiers, and a 2 MHz capable
oscillator with synchronization capability and thermal shutdown.
7.2 Functional Block Diagram
12
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LM5046



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com