Electronic Components Datasheet Search
  English  ▼

X  

LM5035A Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5035A
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035A Datasheet(HTML) 2 Page - Texas Instruments

  LM5035A Datasheet HTML 1Page - Texas Instruments LM5035A Datasheet HTML 2Page - Texas Instruments LM5035A Datasheet HTML 3Page - Texas Instruments LM5035A Datasheet HTML 4Page - Texas Instruments LM5035A Datasheet HTML 5Page - Texas Instruments LM5035A Datasheet HTML 6Page - Texas Instruments LM5035A Datasheet HTML 7Page - Texas Instruments LM5035A Datasheet HTML 8Page - Texas Instruments LM5035A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2
LM5035C
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ...................................... 6
7.2
ESD Ratings.............................................................. 6
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information .................................................. 6
7.5
Electrical Characteristics........................................... 7
7.6
Typical Characteristics ............................................ 10
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
8.2
Functional Block Diagram ....................................... 13
8.3
Feature Description................................................. 14
8.4
Device Functional Modes........................................ 20
9
Application and Implementation ........................ 21
9.1
Application Information............................................ 21
9.2
Typical Application .................................................. 21
10
Power Supply Recommendations ..................... 33
11
Layout................................................................... 33
11.1
Layout Guidelines ................................................. 33
11.2
Layout Example .................................................... 34
12
Device and Documentation Support ................. 35
12.1
Documentation Support ....................................... 35
12.2
Receiving Notification of Documentation Updates 35
12.3
Community Resource............................................ 35
12.4
Trademarks ........................................................... 35
12.5
Electrostatic Discharge Caution ............................ 35
12.6
Glossary ................................................................ 35
13
Mechanical, Packaging, and Orderable
Information ........................................................... 35
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (March 2013) to Revision D
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
•
Changed HBM value from ±2000 to ±1500 in the ESD Ratings table ................................................................................... 6
•
Changed thermal values in the Thermal Information table to align with JEDEC standards................................................... 6
•
Deleted THERMAL RESISTANCE section from the Electrical Characteristics table ............................................................. 9
Changes from Revision B (March 2013) to Revision C
Page
•
Changed layout of National Semiconductor Data Sheet to TI format .................................................................................. 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com