Electronic Components Datasheet Search
  English  ▼

X  

USBB Datasheet(PDF) 1 Page - Amphenol PCD, Inc

Part # USBB
Description  Amphenol Sealed USB-B
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

USBB Datasheet(HTML) 1 Page - Amphenol PCD, Inc

  USBB Datasheet HTML 1Page - Amphenol PCD, Inc USBB Datasheet HTML 2Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Amphenol ®
Amphenol Socapex Promenade de l’Arve -B.P.29 - 74311 THYEZ – F
Tel. :+ 33 (0) 4 50 89 28 00 - Fax : + 33 (0) 4 50 96 29 75
www.usbfield.com
Description
Description
Sealed (IP67) USB-B connection system :
• USB-B male plug overmolded on USB2.0 cable
• USB-B female receptacle with 50 mm wires & 5 ways
connectors
• Plastic shells
• Thread coupling
• Rear mount Jam Nut receptacle with panel gasket
included
Applications
Applications
• Embedded Computers
• Data Transfert
• Numerical Control Machine
USB B Field
USB B Field
Amphenol ®
l l l l l l l l
Amphenol
Sealed USB-B
Sealed USB-B !
Female Receptacle and cap :
Male sealed Plug USB-B / USB-A cordset :


Similar Part No. - USBB

ManufacturerPart #DatasheetDescription
logo
MMD Components
USBB1 MMD-USBB1 Datasheet
55Kb / 1P
UM-1 Thru-Hole Crystal
USBB3 MMD-USBB3 Datasheet
55Kb / 1P
UM-1 Thru-Hole Crystal
logo
Adam Technologies, Inc.
USBB5DRA ADAM-TECH-USBB5DRA Datasheet
152Kb / 1P
USB, MINI USB, FIREWIRE & MINI FIREWIRE UNIVERSAL SERIAL BUS & IEEE 1394 FIREWIRE
USBB5DRU ADAM-TECH-USBB5DRU Datasheet
152Kb / 1P
USB, MINI USB, FIREWIRE & MINI FIREWIRE UNIVERSAL SERIAL BUS & IEEE 1394 FIREWIRE
USBB5DS ADAM-TECH-USBB5DS Datasheet
152Kb / 1P
USB, MINI USB, FIREWIRE & MINI FIREWIRE UNIVERSAL SERIAL BUS & IEEE 1394 FIREWIRE
More results

Similar Description - USBB

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3023009-01M QUALTEK-3023009-01M Datasheet
557Kb / 1P
MICRO USB 3.0 A B/M - USB 3.0 B/M
3023021-02M QUALTEK-3023021-02M Datasheet
556Kb / 1P
MICRO USB 3.0 A B/M - USB 3.0 B/M
3023033-03M QUALTEK-3023033-03M Datasheet
554Kb / 1P
MICRO USB 3.0 A B/M - USB 3.0 B/M
logo
Assmann Electronics Inc...
A-USB-1-R ASSMANN-A-USB-1-R Datasheet
213Kb / 1P
USB B FEMALE
A-USB-2 ASSMANN-A-USB-2 Datasheet
42Kb / 1P
USB A FEMALE-USB B MALE
A-USB-3 ASSMANN-A-USB-3 Datasheet
41Kb / 1P
USB A MALE-USB B FEMALE
A-USB-3-R ASSMANN-A-USB-3-R Datasheet
86Kb / 1P
USB B - USB A ADAPTER
logo
FCI connector
61729-0010BLF FCI-CONNECTOR-61729-0010BLF Datasheet
155Kb / 2P
USB RECEPTACLE B TYPE
logo
Amphenol Corporation
G17S0910110EU AMPHENOL-G17S0910110EU Datasheet
359Kb / 1P
Amphenol Corporation Amphenol Taiwan Corporation
logo
Molex Electronics Ltd.
0847300010 MOLEX1-0847300010 Datasheet
37Kb / 2P
Sealed Industrial USB 2.0 Type B Panel Mount PCB Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com