Electronic Components Datasheet Search
  English  ▼

X  

LMP7717 Datasheet(PDF) 32 Page - Texas Instruments

Part # LMP7717
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LMP7717 Datasheet HTML 28Page - Texas Instruments LMP7717 Datasheet HTML 29Page - Texas Instruments LMP7717 Datasheet HTML 30Page - Texas Instruments LMP7717 Datasheet HTML 31Page - Texas Instruments LMP7717 Datasheet HTML 32Page - Texas Instruments LMP7717 Datasheet HTML 33Page - Texas Instruments LMP7717 Datasheet HTML 34Page - Texas Instruments LMP7717 Datasheet HTML 35Page - Texas Instruments LMP7717 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
LMP7717MA/NOPB
D
SOIC
8
95
495
8
4064
3.05
LMP7717MA/NOPB.A
D
SOIC
8
95
495
8
4064
3.05
LMP7718MA/NOPB
D
SOIC
8
95
495
8
4064
3.05
LMP7718MA/NOPB.A
D
SOIC
8
95
495
8
4064
3.05
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com