Electronic Components Datasheet Search
  English  ▼

X  

LMT85 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMT85
Description  LMT84 1.5-V, SC70/TO-92/TO-92S, Analog Temperature Sensors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMT85 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMT85 Datasheet HTML 9Page - Texas Instruments LMT85 Datasheet HTML 10Page - Texas Instruments LMT85 Datasheet HTML 11Page - Texas Instruments LMT85 Datasheet HTML 12Page - Texas Instruments LMT85 Datasheet HTML 13Page - Texas Instruments LMT85 Datasheet HTML 14Page - Texas Instruments LMT85 Datasheet HTML 15Page - Texas Instruments LMT85 Datasheet HTML 16Page - Texas Instruments LMT85 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
+1.5V to +5.5V
GND
OUT
VDD
CBP
RMUX
Input
Pin
CFILTER
LMT84
CSAMPLE
Reset
Sample
CMUX
Simplified Input Circuit of
SAR Analog-to-Digital Converter
RSS
13
LMT84
www.ti.com
SNIS167E – MARCH 2013 – REVISED OCTOBER 2017
Product Folder Links: LMT84
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Applications Information
The LMT84 features make it suitable for many general temperature-sensing applications. It can operate down to
1.5-V supply with 5.4-µA power consumption, making it ideal for battery-powered devices. Package options like
the through-hole TO-92 package allow the LMT84 to be mounted onboard, off-board, to a heat sink, or on
multiple unique locations in the same application.
9.2 Typical Applications
9.2.1 Connection to an ADC
Figure 13. Suggested Connection to a Sampling Analog-to-Digital Converter Input Stage
9.2.1.1 Design Requirements
Most CMOS ADCs found in microcontrollers and ASICs have a sampled data comparator input structure. When
the ADC charges the sampling cap, it requires instantaneous charge from the output of the analog source such
as the LMT84 temperature sensor and many op amps. This requirement is easily accommodated by the addition
of a capacitor (CFILTER).
9.2.1.2 Detailed Design Procedure
The size of CFILTER depends on the size of the sampling capacitor and the sampling frequency. Because not all
ADCs have identical input stages, the charge requirements will vary. This general ADC application is shown as
an example only.
9.2.1.3 Application Curve
Figure 14. Analog Output Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com