Electronic Components Datasheet Search
  English  ▼

X  

2SC6026 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC6026
Description  Silicon NPN Epitaxial Type (PCT Process) General-Purpose Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6026 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC6026 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6026 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6026 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC6026
2005-03-23
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC6026
General-Purpose Amplifier Applications
• High voltage and high current
: VCEO = 50 V, IC = 100 mA (max)
• Excellent hFE linearity : hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.)
• High hFE
: hFE = 120~400
• Complementary to 2SA2154
• Lead (Pb) free
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
100
mA
Base current
IB
30
mA
Collector power dissipation
PC
50
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cutoff current
ICBO
VCB = 60 V, IE = 0
⎯
⎯
0.1
µA
Emitter cutoff current
IEBO
VEB = 5 V, IC = 0
⎯
⎯
0.1
µA
DC current gain
hFE (Note)
VCE = 6 V, IC = 2 mA
120
⎯
400
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = 100 mA, IB = 10 mA
⎯
0.1
0.25
V
Transition frequency
fT
VCE = 10 V, IC = 1 mA
60
⎯
⎯
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
⎯
0.95
⎯
pF
Note: hFE classification Y (F): 120~240, GR (H): 200~400
( ) marking symbol
Marking
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-1E1A
Weight: 0.0006 g (typ.)
fSM
1.BASE
2.EMITTER
3.COLLECTOR
0.1±0.05
3
0.8±0.05
1.0±0.05
1
2
0.1±0.05
Type Name
hFE Rank
7F


Similar Part No. - 2SC6026

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6026CT TOSHIBA-2SC6026CT Datasheet
151Kb / 3P
General Purpose Amplifier Applications
2SC6026MFV TOSHIBA-2SC6026MFV Datasheet
254Kb / 4P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC6026MFV TOSHIBA-2SC6026MFV Datasheet
154Kb / 4P
General-Purpose Amplifier Applications
2SC6026MFV TOSHIBA-2SC6026MFV Datasheet
154Kb / 4P
General-Purpose Amplifier Applications
2SC6026MFV-GR TOSHIBA-2SC6026MFV-GR Datasheet
154Kb / 4P
General-Purpose Amplifier Applications
More results

Similar Description - 2SC6026

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4207 TOSHIBA-2SC4207_07 Datasheet
417Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications
2SC4408 TOSHIBA-2SC4408_07 Datasheet
119Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Power Amplifier Applications
10-Nov-2006
2SC4738 TOSHIBA-2SC4738_07 Datasheet
409Kb / 3P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications
01-Nov-2007
HN1A26FS TOSHIBA-HN1A26FS Datasheet
145Kb / 3P
Silicon PNP Epitaxial Type (PCT Process) Frequency General-Purpose Amplifier Applications
HN1B01F TOSHIBA-HN1B01F_07 Datasheet
364Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Audio-Frequency General-Purpose Amplifier Applications
HN1B01FU TOSHIBA-HN1B01FU_07 Datasheet
362Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
HN1B04F TOSHIBA-HN1B04F_07 Datasheet
514Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
HN1C01FE TOSHIBA-HN1C01FE Datasheet
194Kb / 3P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
HN1C01FU TOSHIBA-HN1C01FU_07 Datasheet
236Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
2SA2154 TOSHIBA-2SA2154 Datasheet
136Kb / 3P
Silicon PNP Epitaxial Type (PCT Process) General-Purpose Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com