Electronic Components Datasheet Search
  English  ▼

X  

8TQ080SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # 8TQ080SPBF
Description  SCHOTTKY RECTIFIER 8 Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8TQ080SPBF Datasheet(HTML) 1 Page - International Rectifier

  8TQ080SPBF Datasheet HTML 1Page - International Rectifier 8TQ080SPBF Datasheet HTML 2Page - International Rectifier 8TQ080SPBF Datasheet HTML 3Page - International Rectifier 8TQ080SPBF Datasheet HTML 4Page - International Rectifier 8TQ080SPBF Datasheet HTML 5Page - International Rectifier 8TQ080SPBF Datasheet HTML 6Page - International Rectifier 8TQ080SPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCHOTTKY RECTIFIER
8 Amp
8TQ...SPbF
Bulletin PD-21041 rev. B 06/06
1
www.irf.com
Major Ratings and Characteristics
I
F(AV) Rectangular
8
A
waveform
V
RRM range
80 - 100
V
I
FSM @ tp = 5 μs sine
850
A
V
F
@8 Apk, T
J = 125°C
0.58
V
T
J
range
- 55 to 175
°C
Characteristics
Values
Units
Description/ Features
The 8TQ .. Schottky rectifier series has been optimized for
low reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 175° C
junction temperature. Typical applications are in switching
power supplies, converters, free-wheeling diodes, and re-
verse battery protection.
175° C T
J operation
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Lead-Free ("PbF" suffix)
IF(AV) = 8 Amp
VR = 80 - 100V
Case Styles
D
2PAK
Anode
1
3
Base
Cathode
2
N/C


Similar Part No. - 8TQ080SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8TQ080SPBF VISHAY-8TQ080SPBF Datasheet
110Kb / 6P
Schottky Rectifier, 8 A
26-May-08
More results

Similar Description - 8TQ080SPBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HSM825 MICROSEMI-HSM825 Datasheet
99Kb / 2P
8 Amp Schottky Rectifier
HSM880 MICROSEMI-HSM880 Datasheet
102Kb / 2P
8 Amp Schottky Rectifier
LSM835 MICROSEMI-LSM835 Datasheet
99Kb / 2P
8 Amp Schottky Rectifier
MS830 MICROSEMI-MS830 Datasheet
91Kb / 2P
8 Amp Schottky Rectifier
MS880 MICROSEMI-MS880 Datasheet
94Kb / 2P
8 Amp Schottky Rectifier
MSP835 MICROSEMI-MSP835 Datasheet
91Kb / 2P
8 Amp Schottky Rectifier
UPS835L MICROSEMI-UPS835L Datasheet
54Kb / 2P
SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
logo
Micro Commercial Compon...
MBR870 MCC-MBR870 Datasheet
110Kb / 3P
8 Amp Schottky Rectifier 70-100 Volts
logo
Central Semiconductor C...
CPD38X CENTRAL-CPD38X Datasheet
151Kb / 1P
8 Amp Schottky Rectifier Chip
logo
Micro Commercial Compon...
MBR870 MCC-MBR870_13 Datasheet
187Kb / 3P
8 Amp Schottky Rectifier 70-100 Volts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com