Electronic Components Datasheet Search
  English  ▼

X  

MBRF20100C Datasheet(PDF) 1 Page - Multicomp Pro

Part # MBRF20100C
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MBRF20100C Datasheet(HTML) 1 Page - Multicomp Pro

  MBRF20100C Datasheet HTML 1Page - Multicomp Pro MBRF20100C Datasheet HTML 2Page - Multicomp Pro MBRF20100C Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
29/01/20
Schottky Barrier Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Using the schottky barrier principle with a refractory metal capable of high temperature
operation metal. The proprietary barrier technology allows for reliable operation up to 175°C
junction temperature. Typical application are in switching mode power supplies such as
adaptors, DC/DC converters, free- wheeling and polarity protection diodes.
Features
• Low forward voltage
• Low switching noise
• High current capacity
• Guarantee reverse avalanche
• Guard-ring for stress protection
• Low power loss and high efficiency
• 175°C operating junction temperature
• Low stored charge majority carrier conduction
• Plastic material used carries Underwriters Laboratory
• Flammability classification 94V-0
Specifications
Reverse Voltage : 100 Volts
Forward Current : 20 Amperes
Characteristic
Symbol
Values
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Vrrm
Vrwm
Vr
100
V
RMS Reverse Voltage
Vr(rms)
70
Average Rectifier Forward Current
Total Device (Rated Vr), Tc = 125°C
If(av)
10
20
A
Peak Repetitive Forward Current
(Rate Vr, Square Wave, 20kHz)
Ifm
20
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions half-ware, single phase, 60Hz)
Ifsm
150
Operating and Storage Junction Temperature Range
Tj, Tstg
-65 to +175
°C
Maximum Ratings
Typical Thermal Resistance junction to case
rθjc
3.4
°C/W
Thermal Resistances


Similar Part No. - MBRF20100C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MBRF20100C MOSPEC-MBRF20100C Datasheet
148Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
logo
Thinki Semiconductor Co...
MBRF20100CA THINKISEMI-MBRF20100CA Datasheet
446Kb / 2P
20 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF20100CA THINKISEMI-MBRF20100CA Datasheet
427Kb / 2P
20 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF20100CA THINKISEMI-MBRF20100CA_V01 Datasheet
427Kb / 2P
20 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
logo
Mospec Semiconductor
MBRF20100CK MOSPEC-MBRF20100CK Datasheet
154Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
More results

Similar Description - MBRF20100C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com