Electronic Components Datasheet Search
  English  ▼

X  

1M33 Datasheet(PDF) 6 Page - Multicomp Pro

Part # 1M33
Description  Toggle Switches Miniature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1M33 Datasheet(HTML) 6 Page - Multicomp Pro

Back Button 1M33 Datasheet HTML 2Page - Multicomp Pro 1M33 Datasheet HTML 3Page - Multicomp Pro 1M33 Datasheet HTML 4Page - Multicomp Pro 1M33 Datasheet HTML 5Page - Multicomp Pro 1M33 Datasheet HTML 6Page - Multicomp Pro 1M33 Datasheet HTML 7Page - Multicomp Pro 1M33 Datasheet HTML 8Page - Multicomp Pro 1M33 Datasheet HTML 9Page - Multicomp Pro 1M33 Datasheet HTML 10Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page <6>
V1.1
13/06/23
Toggle Switches
Miniature
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
B7 Thd STD
B8 Metric Thd
B6 High
Torque
B5 High
Torque
B3 THD
B4 NON-THD
B1 THD STD
B2 NON-THD
Dimensions : Inches (Millimetres)
Use with T7, T8 actuators only
B13 Bear strength from top of actuator up to 10 kg aside up to 15 kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com