Electronic Components Datasheet Search
  English  ▼

X  

770116 Datasheet(PDF) 1 Page - Santronics Inc

Part # 770116
Description  Ion Pro™ Benchtop Ionizer Installation, Operation and Maintenance
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

770116 Datasheet(HTML) 1 Page - Santronics Inc

  770116 Datasheet HTML 1Page - Santronics Inc 770116 Datasheet HTML 2Page - Santronics Inc 770116 Datasheet HTML 3Page - Santronics Inc 770116 Datasheet HTML 4Page - Santronics Inc 770116 Datasheet HTML 5Page - Santronics Inc 770116 Datasheet HTML 6Page - Santronics Inc 770116 Datasheet HTML 7Page - Santronics Inc 770116 Datasheet HTML 8Page - Santronics Inc 770116 Datasheet HTML 9Page - Santronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TB-9107 Page 1 of 14
© 2021 DESCO INDUSTRIES INC
Employee Owned
SCS - 926 JR Industrial Drive, Sanford, NC 27332
East: (919) 718-0000 | West: (909) 627-9634 • Website: StaticControl.com
Ion Pro™ Benchtop Ionizer
Installation, Operation and Maintenance
December 2021
Description
The SCS Ion Pro™ Benchtop Ionizer is used for
neutralizing electrostatic charges on insulators and
ungrounded conductors. Its fast discharge times (< 1.5
seconds at 12 inches) and ±3 volt offset voltage exceed
the required limits of ANSI/ESD S20.20 and ESD TR53.
The Ion Pro Benchtop Ionizer monitors both its offset
voltage (balance) and discharge time. The ionizer will
alarm should its offset voltage exceed the required
limits defined by ANSI/ESD S20.20 or discharge time
take longer than 4.5 seconds. Steady-state DC emitters
are spaced farther apart to prevent ion recombination,
increase decay efficiency, and provide a broader
coverage area of ionization. The Ion Pro™ Benchtop
Ionizer’s dual-speed fan produces consistent airflow
performance. The Ion Pro™ Benchtop Ionizer features
a stainless steel enclosure and multi-mount stand to
minimize contamination and corrosion when used in
clean or sensitive areas.
The SCS Ion Pro™ Benchtop Ionizer operates on
Steady-state DC. Steady-state DC systems consist of
separate negative and positive ion emitters connected
by a pair of high-voltage cables to their respective
high-voltage power supplies. DC power is constantly
applied to the emitter points. The ionizer utilizes
patented capacitance-based sampling from its internal
sensor to continuously adjust the output, maintain its
offset voltage, and minimize maintenance.
Made in the
United States of America
USER GUIDE TB-9107
“The primary method of static charge control is direct
connection to ground for conductors, static dissipative
materials, and personnel. A complete static control
program must also deal with isolated conductors
that cannot be grounded, insulating materials (e.g.,
most common plastics), and moving personnel who
cannot use wrist or heel straps or ESD control flooring
and footwear. Air ionization is not a replacement for
grounding methods. It is one component of a complete
static control program. Ionizers are used when it is not
possible to properly ground everything and as backup
to other static control methods. In clean rooms, air
ionization may be one of the few methods of static
control available.” [ESD Handbook ESD TR20.20
Ionization, section 5.3.6.1 Introduction and Purpose /
General Information]
The Ion Pro™ Benchtop Ionizer and its accessories are
available as the following item numbers:
Item
Description
770116 Ion Pro™ Benchtop Ionizer, 120 VAC
770117 Ion Pro™ Benchtop Ionizer, 220 VAC
770000 Power Cord, North America Plug
770001 Power Cord, UK Plug
770002 Power Cord, Europe Plug
770003 Power Cord, China Plug
770118 Power Cord, Daisy Chain
770047 Benchtop Ionizer Boom Arm
770055 SMP Software
Figure 1. SCS Ion Pro™ Benchtop Ionizer
Static Management Program
The SCS Ion Pro™ Benchtop Ionizer is compatible
with SCS Static Management Program (SMP). SMP
continuously monitors your ESD process control system
throughout all stages of manufacturing. SMP captures
data from SCS workstation, equipment and ESD event
continuous monitors and provides a real-time picture of
critical manufacturing processes. All activity is stored
into a database for on-going quality control purposes.
SMP allows you to pinpoint areas of concern and
prevent ESD events. Quantifiable data allows you to see
trends, become more proactive and prove the efficiency
of your ESD process control system. When paired with
the Ion Pro Benchtop™ Ionizer, SMP will monitor its
balance (offset voltage) and discharge time statuses.
SMP is sold separately. Click here to learn more.


Similar Part No. - 770116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7701 ETC2-7701 Datasheet
545Kb / 1P
PC SCREW TERMINALS
logo
OEN India Limited
7701-2C OENINDIA-7701-2C Datasheet
80Kb / 1P
MINIATURE CRADLE RELAY
7701-4C OENINDIA-7701-4C Datasheet
80Kb / 1P
MINIATURE CRADLE RELAY
logo
Alpha Wire
77010 ALPHAWIRE-77010 Datasheet
407Kb / 4P
22 (7/30) AWG Tinned Copper
logo
Wixroyd Group Ltd
77010 WIXROYD-77010 Datasheet
140Kb / 1P
Three Spoked Handwheels
More results

Similar Description - 770116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B-640 ETC2-B-640 Datasheet
60Kb / 1P
Installation, Operation and Maintenance Procedures
15006 ETC2-15006 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
07010 ETC2-07010 Datasheet
1Mb / 4P
Calibration Unit for Testers Installation, Operation and Maintenance
19226 ETC2-19226 Datasheet
310Kb / 4P
Multi-Mount Continuous Monitor Operation, Installation, and Maintenance
19218 ETC2-19218 Datasheet
699Kb / 4P
Workstation Continuous Mini Monitor Operation, Installation and Maintenance
19218 ETC2-19218 Datasheet
699Kb / 4P
Jewel짰 Workstation Continuous Mini Monitor Operation, Installation and Maintenance
94391 ETC-94391 Datasheet
485Kb / 3P
SPI Ground Gard 5 / 5.5 Operation, Installation, and Maintenance
98132 ETC-98132 Datasheet
405Kb / 3P
AC Outlet Analyzer and Wrist Strap Tester Installation, Operation and Maintenance
19500 ETC-19500 Datasheet
639Kb / 6P
Bench Top Blower Ionizer Installation, Operation and Maintenance
August 2018
50620 ETC-50620 Datasheet
367Kb / 4P
Neutralizing Ion Python and Hand Gun Operation and Maintenance
March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com