Electronic Components Datasheet Search
  English  ▼

X  

770000 Datasheet(PDF) 2 Page - Santronics Inc

Part # 770000
Description  Ion Pro™ Benchtop Ionizer Installation, Operation and Maintenance
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

770000 Datasheet(HTML) 2 Page - Santronics Inc

  770000 Datasheet HTML 1Page - Santronics Inc 770000 Datasheet HTML 2Page - Santronics Inc 770000 Datasheet HTML 3Page - Santronics Inc 770000 Datasheet HTML 4Page - Santronics Inc 770000 Datasheet HTML 5Page - Santronics Inc 770000 Datasheet HTML 6Page - Santronics Inc 770000 Datasheet HTML 7Page - Santronics Inc 770000 Datasheet HTML 8Page - Santronics Inc 770000 Datasheet HTML 9Page - Santronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TB-9107 Page 2 of 14
© 2021 DESCO INDUSTRIES INC
Employee Owned
SCS - 926 JR Industrial Drive, Sanford, NC 27332
East: (919) 718-0000 | West: (909) 627-9634 • Website: StaticControl.com
A. Status LEDs: The blue LED will illuminate when the
ionizer is powered and its balance and discharge times
are below the alarm thresholds. The negative red LED
will illuminate and audible alarm will sound when the
balance exceeds the negative balance alarm threshold.
The positive red LED will illuminate and audible alarm
will sound when the balance exceeds the positive
balance alarm threshold. Both the negative and positive
red LEDs will illuminate and audible alarm will sound
when the discharge time exceeds the alarm threshold.
B. Volume Pushbutton Switch: Toggles the ionizer's
settings for the audible alarm and balance alarm.
Feature
Procedure
Buzzer Volume
1. Push and release the switch
while the ionizer is powered.
2. The ionizer will toggle its
buzzer volume through 8
different settings. The 8th
setting disables the buzzer.
Balance Alarm
(CE Mode)
1. Power the ionizer OFF.
2. Push and hold the switch while
restoring power to the ionizer.
3. The buzzer will chirp once to
indicate that it is in Critical
Environment Mode.
Balance Alarm
(Standard Mode)
1. Power the ionizer OFF.
2. Push and hold the switch while
restoring power to the ionizer.
3. The buzzer will chirp twice to
indicate that it is in Standard
Mode.
C. Ethernet Port: Provides network communication
between the Ion Pro™ Benchtop Ionizer and SCS Static
Management Program (SMP).
D. Power Inlet: Connect the power cord here.
E. Fan Speed Switch: Rock the switch to the II position
to set the fan speed to HIGH. Rock the switch to the I
position to set the fan speed to LOW. Rock the switch to
the 0 position to power the ionizer OFF.
F. Power Outlet: Use the SCS 770118 power cord to
daisy-chain power to another 9 ionizers. Up to 10 Ion
Pro™ Benchtop Ionizers may be powered in one daisy
chain.
Packaging
1 Ion Pro™ Benchtop Ionizer
1 Power Cord with North America Plug (770116 only)
1 Emitter Point Cleaner
1 Certificate of Calibration
Features and Components
Figure 2. Ion Pro™ Benchtop Ionizer features and
components
A
C
F
D
B
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com