Electronic Components Datasheet Search
  English  ▼

X  

770002 Datasheet(PDF) 3 Page - Santronics Inc

Part # 770002
Description  Ion Pro™ Benchtop Ionizer Installation, Operation and Maintenance
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

770002 Datasheet(HTML) 3 Page - Santronics Inc

  770002 Datasheet HTML 1Page - Santronics Inc 770002 Datasheet HTML 2Page - Santronics Inc 770002 Datasheet HTML 3Page - Santronics Inc 770002 Datasheet HTML 4Page - Santronics Inc 770002 Datasheet HTML 5Page - Santronics Inc 770002 Datasheet HTML 6Page - Santronics Inc 770002 Datasheet HTML 7Page - Santronics Inc 770002 Datasheet HTML 8Page - Santronics Inc 770002 Datasheet HTML 9Page - Santronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TB-9107 Page 3 of 14
© 2021 DESCO INDUSTRIES INC
Employee Owned
SCS - 926 JR Industrial Drive, Sanford, NC 27332
East: (919) 718-0000 | West: (909) 627-9634 • Website: StaticControl.com
Installation
Hardware Setup
Place the Ion Pro™ Benchtop Ionizer at a desired location where the airflow will not be restricted. The SCS 770047
Benchtop Ionizer Boom Arm may be used to save workspace and lift the ionizer off the workbench. Use the tilt lock
knobs to aim the ionizer at the area to be neutralized. Ensure that the power switch is set to OFF. Connect the
ionizer’s power cord into an appropriate AC power source.
Note that placement of the ionizer is important in determining its effectiveness. The distance from the targeted
object and fan speed affect the ionizer’s performance. The discharge time will increase as the distance increases or
fan speed is reduced.
SMP Network Setup
The following procedure outlines how to connect the Ion Pro™ Benchtop Ionizer to SMP via a local area network
(LAN). SMP must be installed to a PC prior to using this procedure. The diagram shown below illustrates a common
SMP system setup that utilizes the server software, client software, Ion Pro™ Benchtop Ionizer, WS Aware Monitor,
EM Aware Monitor, and Ground Master Monitor.
Figure 3. SMP system setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com