Electronic Components Datasheet Search
  English  ▼

X  

770118 Datasheet(PDF) 14 Page - Santronics Inc

Part # 770118
Description  Ion Pro™ Benchtop Ionizer Installation, Operation and Maintenance
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

770118 Datasheet(HTML) 14 Page - Santronics Inc

Back Button 770118 Datasheet HTML 6Page - Santronics Inc 770118 Datasheet HTML 7Page - Santronics Inc 770118 Datasheet HTML 8Page - Santronics Inc 770118 Datasheet HTML 9Page - Santronics Inc 770118 Datasheet HTML 10Page - Santronics Inc 770118 Datasheet HTML 11Page - Santronics Inc 770118 Datasheet HTML 12Page - Santronics Inc 770118 Datasheet HTML 13Page - Santronics Inc 770118 Datasheet HTML 14Page - Santronics Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
TB-9107 Page 14 of 14
© 2021 DESCO INDUSTRIES INC
Employee Owned
SCS - 926 JR Industrial Drive, Sanford, NC 27332
East: (919) 718-0000 | West: (909) 627-9634 • Website: StaticControl.com
Specifications
Input Voltage and
Frequency
100-240VAC, 50/60 Hz
Neutralization
(Discharge) Time at 12"
< 1.5 seconds
Offset Voltage
(Balance) at 12"
±3 V typical
Ion Emission
Steady-state DC
Airflow
Dual speed, 77 CFM max.
Ozone
<0.05 ppm
Discharge Time Alarm
Threshold at 12"
4.5 s
Offset Voltage Alarm
Threshold
(Standard Mode)
±35 V approx.
Offset Voltage Alarm
Threshold
(CE Mode)
±7 V approx.
Power Consumption
10 W
Emitter Points
Tungsten
Dimensions
(with stand)
9.1" H x 6.3" W x 3.1" D
(231 mm x 160 mm x 79
mm)
Weight
4.4 lbs (2.0 kg)
U.S. Patents
9,404,945; 9,588,161
Country of Origin
United States of America
Limited Warranty, Warranty Exclusions, Limit of
Liability and RMA Request Instructions
See the SCS Warranty -
StaticControl.com/Limited-Warranty.aspx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com