Electronic Components Datasheet Search
  English  ▼

X  

B3567 Datasheet(PDF) 3 Page - EPCOS

Part # B3567
Description  Low-loss Filter 433,42 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3567 Datasheet(HTML) 3 Page - EPCOS

  B3567 Datasheet HTML 1Page - EPCOS B3567 Datasheet HTML 2Page - EPCOS B3567 Datasheet HTML 3Page - EPCOS B3567 Datasheet HTML 4Page - EPCOS B3567 Datasheet HTML 5Page - EPCOS B3567 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
May 09, 2001
SAW Components
B3567
433,42 MHz
Low-loss Filter
Data Sheet
Characteristics
Reference temperature:
TA = -20 ... 70 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
1)Temperature dependance of fC: fC(TA) = fC(T0) (1 + TCf(TA - T0)2)
2) Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to
source- and to load impedance (here 50 Ohm). After the SAW filter is removed and input imped-
ance into the input matching / output matching network is calculated.
The conjugate complex value of these characteristic impedances are the input and output imped-
ances for flat passband. For more details, we refer to EPCOS application note #4.
min.
typ.
max.
Center frequency
fC
—
433,42
—
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
433,31 ... 433,53 MHz
—
3,3
4,8
dB
(including loss in matching coils)
Amplitude ripple (p-p)
433,34 ... 433,50 MHz
—
0,5
2,0
dB
433,31 ... 433,53 MHz
—
1,0
3,0
dB
Relative attenuation (relative to
α
min)
α
rel
10,00 ... 429,00 MHz
50
60
—
dB
429,00 ... 432,62 MHz
35
45
—
dB
433,92 ... 434,22 MHz
12
22
—
dB
434,22 ... 434,42 MHz
32
40
—
dB
434,42 ... 460,00 MHz
40
48
—
dB
460,00 ...1000,00 MHz
50
58
—
dB
Impedance for pass band matching 2)
Input:
ZIN
=
RIN
||
CIN
—
415 || 1,6
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
420 || 1,7
—
Ω || pF
Temperature coefficient of frequency 1)
TCf
—
-0,03
—
ppm/K2
Frequency inversion point
T0
10—40
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com