Electronic Components Datasheet Search
  English  ▼

X  

PH103 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # PH103
Description  PH90 Waterproof pH Meter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

PH103 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  PH103 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PH90 Waterproof
pH Meter
Rugged waterproof (IP57) housing with Flat Surface
Electrode for measuring pH in liquids, semi-solids,
and solids. Does not break or get junctions clogged
like traditional glass bulb electrodes. Easy to replace
sensor is perfect for field or lab use.
Features
•
Rugged replaceable flat surface pH electrode for quick
on-the-spot pH measurements
•
Simultaneous display of pH and Temperature
•
2 or 3 point calibration automatically recognizes buffer
solutions (order pH buffers separately)
•
PTS (percent of slope) tells you when it’s time to
replace your electrode (below 70% or above 130%)
•
Automatic Temperature Compensation
•
Data Hold, Min/Max, Auto Power Off, and low battery
indication
•
Waterproof design (IP57) floats in water and protects
the meter in wet environment
•
Complete with flat surface pH electrode, protective
sensor cap, and two 3V CR-2032 button batteries
(pH buffers are required for calibration - sold separately)
Ordering
PH90................. Waterproof pH Meter
Accessories
PH95................. Replacement Flat Surface pH Electrode Module
PH103............... Tripak Buffer Pouches (6 ea: 4, 7, 10pH, w Rinse solutions)
PH4-P ............... pH 4 Buffer Calibration Solution (2 bottles- 1 pint each)
PH7-P ............... pH 7 Buffer Calibration Solution (2 bottles- 1 pint each)
PH10-P ............. pH 10 Buffer Calibration Solution (2 bottles- 1 pint each)
www.extech.com
Specifications subject to change without notice. Copyright © 2015 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Rev. 11/7/16
Specifications
Range
Max Resolution
Basic Accuracy
pH
0 to 14.00pH
0.01pH
±(0.01pH + 1d) or ±0.2pH
Temperature
32 to 194°F (0 to 90°C)
0.1°
±1.8°F (±1°C)
Power
Two 3V CR3032 button batteries
Dimensions
1.4 x 6.7 x 1.4" (36 x 170 x 36mm)
Weight
3oz (85g)
UPC Code: 793950150900
APPLICATIONS:
- Agriculture
- Anti-freeze recycling
- Aquarium
- Boiler
- Chemical industry
- Cooling tower
- Drinking water
- Fish farming
- Food industry
- Garden
- Hydroponic
- Laboratory usage
- Plating industry
- Swimming pool & Spa
- Water treatment


Similar Part No. - PH103

ManufacturerPart #DatasheetDescription
logo
NEC
PH103 NEC-PH103 Datasheet
70Kb / 3P
DARLINGTON PHOTO TRANSISTOR
logo
Extech Instruments Corp...
PH103 EXTECH-PH103 Datasheet
242Kb / 1P
Big Digit LCD display in rugged housing With choice of stick or cabled pH Electrode
More results

Similar Description - PH103

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
341350-P EXTECH-341350-P Datasheet
219Kb / 1P
pH/Conductivity Meter with TDS
PH50 EXTECH-PH50 Datasheet
113Kb / 1P
pH Waterproof Meter
PH220A EXTECH-PH220A Datasheet
116Kb / 9P
Waterproof Palm pH Meter
PH50 EXTECH-PH50_15 Datasheet
208Kb / 1P
Waterproof pH Pens
PH60 EXTECH-PH60_15 Datasheet
208Kb / 1P
Waterproof pH Pens
PH100 EXTECH-PH100_15 Datasheet
185Kb / 1P
Waterproof ExStik짰 pH Meter
PH110 EXTECH-PH110 Datasheet
200Kb / 1P
ExStik짰 Waterproof Refillable pH Meter
PH220-C EXTECH-PH220-C_15 Datasheet
242Kb / 1P
Waterproof Palm pH??Meter
EC500 EXTECH-EC500_15 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
EC510 EXTECH-EC510 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com