Electronic Components Datasheet Search
  English  ▼

X  

LMT87LP Datasheet(PDF) 14 Page - Texas Instruments

Part # LMT87LP
Description  LMT87 2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMT87LP Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMT87LP Datasheet HTML 10Page - Texas Instruments LMT87LP Datasheet HTML 11Page - Texas Instruments LMT87LP Datasheet HTML 12Page - Texas Instruments LMT87LP Datasheet HTML 13Page - Texas Instruments LMT87LP Datasheet HTML 14Page - Texas Instruments LMT87LP Datasheet HTML 15Page - Texas Instruments LMT87LP Datasheet HTML 16Page - Texas Instruments LMT87LP Datasheet HTML 17Page - Texas Instruments LMT87LP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LMT87
VOUT
VDD
SHUTDOWN
Any logic
device output
14
LMT87
SNIS170E – JANUARY 2014 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LMT87
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Typical Applications (continued)
9.2.2 Conserving Power Dissipation With Shutdown
Figure 15. Simple Shutdown Connection of the LMT87
9.2.2.1 Design Requirements
Because the power consumption of the LMT87 is less than 9 µA, it can simply be powered directly from any logic
gate output and therefore not require a specific shutdown pin. The device can even be powered directly from a
microcontroller GPIO. In this way, it can easily be turned off for cases such as battery-powered systems where
power savings are critical.
9.2.2.2 Detailed Design Procedure
Simply connect the VDD pin of the LMT87 directly to the logic shutdown signal from a microcontroller.
9.2.2.3 Application Curves
Time: 500 μs/div; Top trace: VDD 1 V/div;
Bottom trace: OUT 1 V/div
Figure 16. Output Turnon Response Time Without a
Capacitive Load and VDD = 3.3 V
Time: 500 μs/div; Top trace: VDD 1 V/div;
Bottom trace: OUT 1 V/div
Figure 17. Output Turnon Response Time With a 1.1-nF
Capacitive Load and VDD = 3.3 V
Time: 500 μs/div; Top trace: VDD 2 V/div;
Bottom trace: OUT 1 V/div
Figure 18. Output Turnon Response Time Without a
Capacitive Load and VDD = 5 V
Time: 500 μs/div; Top trace: VDD 2 V/div;
Bottom trace: OUT 1 V/div
Figure 19. Output Turnon Response Time With a 1.1-nF
Capacitive Load and VDD = 5 V
10 Power Supply Recommendations
The low supply current and supply range (2.7 V to 5.5 V) of the LMT87 allow the device to easily be powered
from many sources. Power supply bypassing is optional and is mainly dependent on the noise on the power
supply used. In noisy systems it may be necessary to add bypass capacitors to lower the noise that is coupled to
the output of the LMT87.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com