Electronic Components Datasheet Search
  English  ▼

X  

45136 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 45136
Description  Off-the-Shelf (OTS) Discrete Wire Cable Assemblies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

45136 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  45136 Datasheet HTML 1Page - Molex Electronics Ltd. 45136 Datasheet HTML 2Page - Molex Electronics Ltd. 45136 Datasheet HTML 3Page - Molex Electronics Ltd. 45136 Datasheet HTML 4Page - Molex Electronics Ltd. 45136 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATASHEET
Off-the-Shelf (OTS)
Discrete Wire Cable Assemblies
OTS Discrete Wire Cable Assemblies were designed with the largest wire gauge that connectors
can accommodate to meet any prototype requirement on the market. Discrete Cables reduce
engineering (mechanical and electrical) and purchasing time needed to qualify a cable.
In addition, they are crimped in an automated press eliminating the risk of poor crimping
during prototyping. These cables are great for prototyping all the way into mass production.
Pico-Clasp 1.00mm Pitch
Pico-Lock 1.00mm Pitch
Micro-Lock Plus 1.25mm Pitch
Pico-EZmate 1.20mm Pitch
CLIK-Mate 1.25mm Pitch
PicoBlade 1.25mm Pitch
CLIK-Mate 1.50mm Pitch
Pico-Lock 1.50mm Pitch
CLIK-Mate 2.00mm Pitch
Pico-SPOX 1.50mm Pitch
DuraClik 2.00mm Pitch
EdgeLock 2.00mm Pitch
iGrid 2.00mm Pitch
MicroClasp 2.00mm Pitch
Micro-Latch 2.00 Pitch
Micro-Lock Plus 2.00mm Pitch
Micro-One 2.00mm Pitch
Milli-Grid 2.00mm Pitch
Pico-Lock 2.00mm Pitch
Mini-Lock 2.50mm Pitch
KK Plus 250
Nano-Fit 2.50mm Pitch
Micro-Fit 3.00mm Pitch
KK and KK Plus 3.96mm Pitch
Ultra-Fit 3.50mm Pitch
Mini50 2.00mm Pitch
Zero-Hachi 0.80mm Pitch
C-Grid III 2.54mm Pitch
KK 254 2.54mm Pitch
SL (Positive Latch) 2.54mm Pitch


Similar Part No. - 45136

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
451360201 MOLEX-451360201 Datasheet
151Kb / 1P
Mega-Fit 2 Circuit 150MM
2018/01/08
451360203 MOLEX-451360203 Datasheet
151Kb / 1P
Mega-Fit 2 Circuit 150MM
2018/01/08
451360210 MOLEX-451360210 Datasheet
151Kb / 1P
Mega-Fit 2 Circuit 150MM
2018/01/08
451360401 MOLEX-451360401 Datasheet
145Kb / 1P
Mega-Fit 4 Circuit 300MM
2018/01/08
451360403 MOLEX-451360403 Datasheet
145Kb / 1P
Mega-Fit 4 Circuit 300MM
2018/01/08
More results

Similar Description - 45136

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0151340201 MOLEX1-0151340201 Datasheet
41Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row
0151340505 MOLEX1-0151340505 Datasheet
43Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row,
0151350205 MOLEX1-0151350205 Datasheet
49Kb / 1P
CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row,CLIK-Mate??to-CLIK-Mate??Off-the-Shelf (OTS) Cable Assembly, Single Row,
0151350301 MOLEX1-0151350301 Datasheet
51Kb / 1P
CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row,CLIK-Mate??to-CLIK-Mate??Off-the-Shelf (OTS) Cable Assembly, Single Row,
0151340402 MOLEX1-0151340402_18 Datasheet
46Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 150.00mm
0151340500 MOLEX1-0151340500_18 Datasheet
43Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm
0151340700 MOLEX1-0151340700_18 Datasheet
46Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm
0151340805 MOLEX1-0151340805_18 Datasheet
47Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 450.00mm
0151340806 MOLEX1-0151340806_18 Datasheet
47Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 600.00mm
0151341003 MOLEX1-0151341003_18 Datasheet
46Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com