Electronic Components Datasheet Search
  English  ▼

X  

LP55231 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP55231
Description  LP55231 Nine-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump - WQFN
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55231 Datasheet(HTML) 1 Page - Texas Instruments

  LP55231 Datasheet HTML 1Page - Texas Instruments LP55231 Datasheet HTML 2Page - Texas Instruments LP55231 Datasheet HTML 3Page - Texas Instruments LP55231 Datasheet HTML 4Page - Texas Instruments LP55231 Datasheet HTML 5Page - Texas Instruments LP55231 Datasheet HTML 6Page - Texas Instruments LP55231 Datasheet HTML 7Page - Texas Instruments LP55231 Datasheet HTML 8Page - Texas Instruments LP55231 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
LP55231
D1
D2
D4
D7
VOUT
COUT1 µF
C2
0.47 µF
ASEL0
ASEL1
GND
MCU
SCL
SDA
EN
CLK
TRIG
INT
CIN
1 µF
VIN = 2.7 V to 5.5 V
VDD
C1
0.47 µF
C1+ C1- C2+ C2-
B
G
R
D3
D8
B
G
R
B
G
R
D6
D5
D9
LP55231
D2
D3
D1
VOUT
COUT1 µF
C2
0.47 µF
ASEL0
ASEL1
GND
MCU
SCL
SDA
EN
CLK
TRIG
INT
CIN
1 µF
VIN = 2.7 V to 5.5 V
VDD
C1
0.47 µF
C1+ C1- C2+ C2-
D6
D5
D4
D9
D8
D7
RGB LED
APPLICATION
WLED APPLICATION
NOTE: D7, D8 and D9 powered
directly from VIN
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP55231
SNOSCR5D – MARCH 2013 – REVISED DECEMBER 2016
LP55231 Nine-Channel RGB, White-LED Driver With Internal Program Memory
and Integrated Charge Pump - WQFN
1
1 Features
1
•
Three Independent Program Execution Engines, 9
Programmable Outputs With 25.5-mA Full-Scale
Current, 8-Bit Current Setting Resolution and
12-Bit PWM Control Resolution
•
Adaptive High-Efficiency 1×/1.5× Fractional
Charge Pump - Efficiency up to 94%
•
LED Drive Efficiency Up to 93%
•
Charge Pump With Soft Start
•
Overcurrent and Short-Circuit Protection
•
Built-in LED Test
•
200-nA Typical Standby Current
•
Automatic Power Save Mode; IVDD = 10 µA
(Typical)
•
Two-Wire I2C-Compatible Control Interface
•
Flexible Instruction Set
•
Large SRAM Program Memory
•
Small Application Circuit
•
Source (High-Side) Drivers
•
Architecture Supports Color Control
2 Applications
•
Fun Lights and Indicator Lights
•
LED Backlighting
•
Haptic Feedback
•
Programmable Current Source
•
Fire Notification
•
Electronic Thermostats
•
Electronic Locks
•
Robotics
•
Intruder Notification
•
Light Switches and Dimmers
•
Gaming and Smart Headphones
•
Speakers
3 Description
The LP55231 is a 9-channel LED driver designed to
produce lighting effects for mobile devices. A high-
efficiency charge pump enables LED driving over full
Li-Ion battery voltage range. The device is equipped
with an internal program memory, which allows
operation without processor control.
The LP55231 has an I2C-compatible control interface
with four pin-selectable addresses. The INT pin can
be used to notify processor when a lighting sequence
has ended (interrupt function). Also, the device has a
trigger input interface, which allows synchronization,
for example, between multiple LP55231 devices.
Excellent
efficiency
is
maintained
over
a
wide
operating range by autonomously selecting the best
charge pump gain based on LED forward voltage
requirements. The device is able to automatically
enter power-save mode when LED outputs are not
active, thus lowering idle current consumption down
to 10 µA (typical). Only four small and low-cost
ceramic capacitors are required.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP55231
WQFN (24)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
Typical Application


Similar Part No. - LP55231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP55231 TI-LP55231 Datasheet
785Kb / 53P
LP55231 Programmable 9-Output LED Driver
LP55231 TI1-LP55231 Datasheet
1Mb / 57P
LP55231 Programmable 9-Output LED Driver
LP55231 TI2-LP55231 Datasheet
1Mb / 59P
LP55231 Nine-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump - WQFN
REVISED DECEMBER 2016
LP55231SQE/NOPB TI1-LP55231SQE/NOPB Datasheet
1Mb / 57P
LP55231 Programmable 9-Output LED Driver
LP55231SQE/NOPB TI2-LP55231SQE/NOPB Datasheet
1Mb / 59P
LP55231 Nine-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump - WQFN
REVISED DECEMBER 2016
More results

Similar Description - LP55231

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9153 CALMIRCO-CM9153 Datasheet
489Kb / 12P
Charge Pump White LED Driver
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
Charge-Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
4 Channel Charge Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
Charge-Pump White LED Driver
logo
Linear Technology
LTC3212 LINER-LTC3212 Datasheet
746Kb / 12P
RGB LED Driver and Charge Pump
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
Charge Pump White LED Driver
logo
Linear Technology
LTC3212 LINER-LTC3212_15 Datasheet
820Kb / 12P
RGB LED Driver and Charge Pump
logo
Texas Instruments
LP5569 TI1-LP5569 Datasheet
983Kb / 86P
Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
LP5569 TI1-LP5569_18 Datasheet
2Mb / 93P
Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com