Electronic Components Datasheet Search
  English  ▼

X  

LP5900 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP5900
Description  LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5900 Datasheet(HTML) 5 Page - Texas Instruments

  LP5900 Datasheet HTML 1Page - Texas Instruments LP5900 Datasheet HTML 2Page - Texas Instruments LP5900 Datasheet HTML 3Page - Texas Instruments LP5900 Datasheet HTML 4Page - Texas Instruments LP5900 Datasheet HTML 5Page - Texas Instruments LP5900 Datasheet HTML 6Page - Texas Instruments LP5900 Datasheet HTML 7Page - Texas Instruments LP5900 Datasheet HTML 8Page - Texas Instruments LP5900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
LP5900
www.ti.com
SNVS358R – JULY 2005 – REVISED JUNE 2016
Product Folder Links: LP5900
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum and Maximum limits are specified by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the
most likely norm.
(3)
The device maintains a stable, regulated output voltage without a load current.
(4)
Quiescent current is defined here as the difference in current between the input voltage source and the load at the OUT pin.
(5)
Ground current is defined here as the total current flowing to ground as a result of all input voltages applied to the device.
(6)
Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its
nominal value. This parameter only applies to output voltages above 2.5 V.
(7)
Short-circuit current is measured with OUT pulled to 0 V and IN worst case = 6 V.
(8)
This specification is specified by design.
(9)
There is a 1-M
Ω resistor between EN pin and ground on the device.
6.5 Electrical Characteristics
Unless otherwise noted, specifications apply in Figure 16 with: VIN = VOUT (NOM) + 1 V, VEN = 1.2 V, CIN = COUT = 0.47 μF, IOUT
= 1 mA.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
2.5
5.5
V
ΔVOUT
Output voltage tolerance
VIN = (VOUT(NOM) + 1 V) to 5.5 V, IOUT = 1
mA to 150 mA,
–40°C
≤ TJ ≤ 125°C
−2%
2%
Line regulation
VIN = (VOUT(NOM) + 1 V) to 5.5 V, IOUT = 1
mA
0.05
%V
Load regulation
IOUT = 1 mA to 150 mA
0.001
%mA
ILOAD
Load current
See(3)
mA
Maximum output current
–40°C
≤ TJ ≤ 125°C
150
IQ
Quiescent current(4)
VEN = 1.2 V, IOUT = 0 mA
25
µA
VEN = 1.2 V, IOUT = 0 mA, –40°C ≤ TJ ≤
125°C
50
VEN = 1.2 V, IOUT = 150 mA
160
VEN = 1.2 V, IOUT = 150 mA, –40°C ≤ TJ ≤
125°C
230
VEN = 0.3 V (disabled)
0.003
VEN = 0.3 V (disabled, –40°C ≤ TJ ≤
125°C
1
IG
Ground current(5)
IOUT = 0 mA (VOUT = 2.5 V)
30
µA
VDO
Dropout voltage(6)
IOUT = 150 mA
80
mV
IOUT = 150 mA, –40°C ≤ TJ ≤ 125°C
150
ISC
Short-circuit current limit(7)
300
mA
PSRR
Power supply rejection ratio(8)
f = 100 Hz, IOUT = 150 mA
85
dB
f = 1 kHz, IOUT = 150 mA
75
f = 10 kHz, IOUT = 150 mA
65
f = 50 kHz, IOUT = 150 mA
52
f = 100 kHz, IOUT = 150 mA
40
en
Output noise voltage(8)
BW = 10 Hz to 100
kHz, VIN = 4.2 V
IOUT = 0 mA
7
μVRMS
IOUT = 1 mA
10
IOUT = 150 mA
6.5
TSHUTDOWN
Thermal shutdown
Temperature
160
ºC
Hysteresis
20
LOGIN INPUT THRESHOLDS
VIL
Low input threshold (VEN)
VIN = 2.5 V to 5.5 V, –40°C ≤ TJ ≤ 125°C
0.4
V
VIH
High input threshold (VEN)
VIN = 2.5 V to 5.5 V, –40°C ≤ TJ ≤ 125°C
1.2
V
IEN
Input current at EN pin(9)
VEN = 5.5 V and VIN = 5.5 V
5.5
μA
VEN = 0 V and VIN = 5.5 V
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com