Electronic Components Datasheet Search
  English  ▼

X  

MSP430C412IRGC Datasheet(PDF) 31 Page - Texas Instruments

Part # MSP430C412IRGC
Description  MIXED SIGNAL MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430C412IRGC Datasheet(HTML) 31 Page - Texas Instruments

Back Button MSP430C412IRGC Datasheet HTML 27Page - Texas Instruments MSP430C412IRGC Datasheet HTML 28Page - Texas Instruments MSP430C412IRGC Datasheet HTML 29Page - Texas Instruments MSP430C412IRGC Datasheet HTML 30Page - Texas Instruments MSP430C412IRGC Datasheet HTML 31Page - Texas Instruments MSP430C412IRGC Datasheet HTML 32Page - Texas Instruments MSP430C412IRGC Datasheet HTML 33Page - Texas Instruments MSP430C412IRGC Datasheet HTML 34Page - Texas Instruments MSP430C412IRGC Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340J − MAY 2001 − REVISED DECEMBER 2008
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
0
0.5
1
1.5
2
0.001
1
1000
V
= 3 V
Typical Conditions
1 ns
1 ns
tpw − Pulse Width − μstpw − Pulse Width − μs
cc
VCC
3 V
VCC(drop)
tpw
Figure 15. VCC(drop) Level With a Square Voltage Drop to Generate a POR/Brownout Signal
VCC
3 V
VCC(drop)
tpw
0
0.5
1
1.5
2
tpw − Pulse Width − μs
0.001
1
1000
tf
tr
tpw − Pulse Width − μs
tf = tr
V
= 3 V
Typical Conditions
cc
Figure 16. VCC(drop) Level With a Triangle Voltage Drop to Generate a POR/Brownout Signal
SVS (supply voltage supervisor/monitor) (MSP430x412, MSP430x413 only) (see Notes 1 and 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t
dVCC/dt > 30 V/ms (see Note 2)
5
150
μs
td(SVSR)
dVCC/dt ≤ 30 V/ms (see Note 2)
2000
μs
td(SVSon)
SVSon, switch from 0 to 1, VCC = 3 V (see Note 2)
20
150
μs
V(SVSstart)
SVS
dVCC/dt ≤ 3 V/s (see Figure 17)
1.55
1.7
V
V(SVS_IT−)
SVS
dVCC/dt ≤ 3 V/s (see Figure 17)
1.8
1.95
2.2
V
Vhys(SVS_IT−)
dVCC/dt ≤ 3 V/s (see Figure 17)
70
100
155
mV
ICC(SVS)
(see Note 1)
VLD
≠ 0 (VLD bits are in SVSCTL register), VCC = 2.2 V/3 V
10
15
μA
NOTES:
1. The current consumption of the SVS module is not included in the ICC current consumption data.
2. The SVS is not active at power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com