Electronic Components Datasheet Search
  English  ▼

X  

CPFC74 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CPFC74
Description  DC COMMON MODE CHOKE COIL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CPFC74 Datasheet(HTML) 2 Page - Sumida Corporation

  CPFC74 Datasheet HTML 1Page - Sumida Corporation CPFC74 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC COMMON MODE CHOKE COIL <SMD Type:CPFC Series>
Type: CPFC74
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification (For Power supply)
Part Name.
Stamp
Impedance (Ω)
(L1,L2 Parallel)
Insulation
Resistance
(MΩ)(Coil-Coil)
(DC100V 1min.)
Withstanding
Voltage
(Coil-Coil)
(5sec)
D.C.R. (mΩ)
(1-2)at 20℃
(3-4) Short
※
2
Rated
Current
(1-2)(A)
(3-4) Short
※
1
CPFC74NP-PS1ØH2A15 P15H
700 MIN.
(100 MHz)
10 MIN.
D.C.125V
120
1.5
CPFC74NP-PSØ2H2A2Ø P20H
200 MIN.
(20~300MHz)
10 MIN.
D.C.125V
120
2.0
CPFC74NP-PSØ3H2A25 P25H
300 MIN.
(160 MHz)
10 MIN.
D.C.125V
120
2.5
CPFC74NP-PSØ1H2A3Ø P30H
100 MIN.
10 MIN.
D.C.125V
60
3.0
※
1: Rated current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
※
2: D.C.R is measured by 2 lines as series because impedance will be deteriorated when D.C.R. is
measured by 1 line.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com