Electronic Components Datasheet Search
  English  ▼

X  

3062016 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3062016
Description  KDT-ST 12 - Filler plug
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3062016 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3062016 Datasheet HTML 1Page - PHOENIX CONTACT 3062016 Datasheet HTML 2Page - PHOENIX CONTACT 3062016 Datasheet HTML 3Page - PHOENIX CONTACT 3062016 Datasheet HTML 4Page - PHOENIX CONTACT 3062016 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Filler plug, material: PA, length: 20 mm, diameter: 12 mm
Commercial data
Item number
3062016
Packing unit
25 pc
Minimum order quantity
25 pc
Sales key
BF67
Product key
AF7CZX
GTIN
4046356301473
Weight per piece (including packing)
2.343 g
Weight per piece (excluding packing)
2.377 g
Customs tariff number
39174000
Country of origin
DE
KDT-ST 12 - Filler plug
3062016
https://www.phoenixcontact.com/us/products/3062016
Sep 26, 2025, 1:16AM
Page 1 (5)


Similar Part No. - 3062016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3062024 MOLEX-3062024 Datasheet
32Kb / 2P
Standard .062" Pin and Socket Power Connectors
04/19/2017
logo
PHOENIX CONTACT
3062029 PHOENIX-3062029 Datasheet
227Kb / 5P
KDT-ST 13 - Filler plug
3062032 PHOENIX-3062032 Datasheet
218Kb / 5P
KDT-ST 14 - Filler plug
3062045 PHOENIX-3062045 Datasheet
60Kb / 3P
Filler plugs - KDT-ST 15
09/12/2020
3062058 PHOENIX-3062058 Datasheet
228Kb / 5P
KDT-ST 16 - Filler plug
More results

Similar Description - 3062016

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1644122 PHOENIX-1644122 Datasheet
71Kb / 2P
HC-KDT 12-13
1718067 PHOENIX-1718067 Datasheet
79Kb / 4P
Plug - QC 1,5/12-ST
1805000 PHOENIX-1805000 Datasheet
109Kb / 7P
Plug - PC 4/12-ST-7,62
1832620 PHOENIX-1832620 Datasheet
95Kb / 7P
Plug - GMVSTBR 2,5/12-ST-7,62
1775631 PHOENIX-1775631 Datasheet
56Kb / 3P
Filler plugs - PV-C PLUG
09/12/2020
3063921 PHOENIX-3063921 Datasheet
56Kb / 3P
Filler plugs - KDT-ST 3
09/12/2020
3063950 PHOENIX-3063950 Datasheet
57Kb / 3P
Filler plugs - KDT-ST 6
09/12/2020
3063963 PHOENIX-3063963 Datasheet
57Kb / 3P
Filler plugs - KDT-ST 7
09/12/2020
3063992 PHOENIX-3063992 Datasheet
58Kb / 3P
Filler plugs - KDT-ST 10
09/12/2020
3062045 PHOENIX-3062045 Datasheet
60Kb / 3P
Filler plugs - KDT-ST 15
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com