Electronic Components Datasheet Search
  English  ▼

X  

ESDALC6V1PX Datasheet(PDF) 7 Page - STMicroelectronics

Part # ESDALC6V1PX
Description  ASD (Application Specific Devices) Low capacitance TRANSIL??arrays for ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1PX Datasheet(HTML) 7 Page - STMicroelectronics

  ESDALC6V1PX Datasheet HTML 1Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 2Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 3Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 4Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 5Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 6Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 7Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 8Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ESDALC6V1Px
Package information
7/9
Figure 12.
SOT-666IP footprint (dimensions in mm)
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 5.
SOT-666IP dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.60
0.018
0.024
A3
0.08
0.18
0.003
0.007
b
0.17
0.34
0.007
0.013
b1
0.19
0.27
0.34
0.007 0.011 0.013
D
1.50
1.70
0.059
0.067
E
1.50
1.70
0.059
0.067
E1
1.10
1.30
0.043
0.051
e0.50
0.020
L1
0.19
0.007
L2
0.10
0.30
0.004
0.012
L3
0.10
0.004
L4
0.60
0.024
D
b
L3
L1
L4
e
b1
E1
L2
E
A
A3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com