Electronic Components Datasheet Search
  English  ▼

X  

ESDALC6V1P5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDALC6V1P5
Description  ASD (Application Specific Devices) Low capacitance TRANSIL??arrays for ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1P5 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDALC6V1P5 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1P5 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1P5 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1P5 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1P5 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1P5 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1P5 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1P5 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1P5 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Ordering information scheme
ESDALC6V1Px
4/9
2
Ordering information scheme
Figure 7.
ESD response to IEC 61000-4-2 (air
discharge 15 kV positive surge)
Figure 8.
Analog crosstalk measurement
Figure 9.
Digital crosstalk test measurement
10 V per div.
0.1 µs per division
100.0k
1.0M
10.0M
100.0M
1.0G
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
dB
F (Hz)
β21VG1
VG1
5 V per div.
0.1 µs per div.
ESDA
LC
6V1
Px
ESD Array
Low Capacitance
Breakdown Voltage (min)
Package
6V1 = 6.1 Volt
P3 = SOT-663 (SC89-3L)
P5 = SOT-665
P6 = SOT-666IP (internal pad)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com