Electronic Components Datasheet Search
  English  ▼

X  

C24 Datasheet(PDF) 1 Page - IDEAL INDUSTRIES, INC.

Part # C24
Description  Crimp Application Tool for 2006S, 2008S, 2011S, and Terminal end lugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-INDUSTRIES [IDEAL INDUSTRIES, INC.]
Direct Link  https://www.idealindustries.com/us/en.html
Logo IDEAL-INDUSTRIES - IDEAL INDUSTRIES, INC.

C24 Datasheet(HTML) 1 Page - IDEAL INDUSTRIES, INC.

  C24 Datasheet HTML 1Page - IDEAL INDUSTRIES, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crimp Application Tool for 2006S, 2008S, 2011S,
and Terminal end lugs
Features
Patented design ensures even compression and reliable connections
Description
Catalog #
Crimp Application Tool for 2006S,2008S,2011S, and Terminal end lugs
C24


Similar Part No. - C24

ManufacturerPart #DatasheetDescription
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
High dv/dt ability
logo
Magnetrol International...
C24-1B10-JEE MAGNETROL-C24-1B10-JEE Datasheet
256Kb / 8P
C24, C25, Boiler and Water Column Liquid Level Switches
logo
Vectron International, ...
C2400 VECTRON-C2400 Datasheet
105Kb / 5P
PCS Base Stations
C2400 VECTRON-C2400 Datasheet
211Kb / 6P
TCXO EFC Standard Hermetic Wide Frequency Range
logo
Dubilier
C2400 DUBILIER-C2400 Datasheet
95Kb / 1P
ALKALINE
More results

Similar Description - C24

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64008-0570 MOLEX-64008-0570 Datasheet
110Kb / 2P
Crimp Tool Kit for 35mm2 Compression Lugs
11-03-13
64008-1170 MOLEX-64008-1170 Datasheet
110Kb / 2P
Crimp Tool Kit for 120mm2 Compression Lugs
11-03-13
64008-0370 MOLEX-64008-0370 Datasheet
110Kb / 2P
Crimp Tool Kit for 16mm2 Compression Lugs
11-03-13
ATS-640080170 MOLEX-ATS-640080170 Datasheet
109Kb / 2P
Crimp Tool Kit for 6mm2 Compression Lugs
11-03-13
ATS-640080270 MOLEX-ATS-640080270 Datasheet
109Kb / 2P
Crimp Tool Kit for 10mm2 Compression Lugs
11-03-13
ATS-640080470 MOLEX-ATS-640080470 Datasheet
111Kb / 2P
Crimp Tool Kit for 25mm2 Compression Lugs
11-03-13
ATS-640080770 MOLEX-ATS-640080770 Datasheet
111Kb / 2P
Crimp Tool Kit for 70mm2 Compression Lugs
11-03-13
ATS-640080870 MOLEX-ATS-640080870 Datasheet
111Kb / 2P
Crimp Tool Kit for 95mm2 Compression Lugs
11-03-13
ATS-640080970 MOLEX-ATS-640080970 Datasheet
111Kb / 2P
Crimp Tool Kit for 120mm2 Compression Lugs
11-03-13
ATS-640081070 MOLEX-ATS-640081070 Datasheet
112Kb / 2P
Crimp Tool Kit for 150mm2 Compression Lugs
11-03-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com