Electronic Components Datasheet Search
  English  ▼

X  

FPF2102 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FPF2102
Description  IntelliMAX™ Advanced Load Management Products
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2102 Datasheet(HTML) 5 Page - ON Semiconductor

  FPF2102 Datasheet HTML 1Page - ON Semiconductor FPF2102 Datasheet HTML 2Page - ON Semiconductor FPF2102 Datasheet HTML 3Page - ON Semiconductor FPF2102 Datasheet HTML 4Page - ON Semiconductor FPF2102 Datasheet HTML 5Page - ON Semiconductor FPF2102 Datasheet HTML 6Page - ON Semiconductor FPF2102 Datasheet HTML 7Page - ON Semiconductor FPF2102 Datasheet HTML 8Page - ON Semiconductor FPF2102 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
4
www.fairchildsemi.com
FPF2100-FPF2107 Rev. H
Electrical Characteristics Cont.
VIN = 1.8 to 5.5V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 3.3V and TA = 25°C.
Note 1: Package power dissipation on 1 square inch pad, 2 oz. copper board.
Note 2: Applicable only to FPF2102 and FPF2106. Latchoff current does not include current flowing into FLAGB.
Parameter
Symbol
Conditions
Min Typ Max Units
Protections
Under Voltage Shutdown
UVLO
VIN Increasing
1.5
1.6
1.7
V
Under Voltage Shutdown Hysteresis
47
mV
Dynamic
Turn on time
tON
RL = 500Ω, CL = 0.1µF
25
µs
Turn off time
tOFF
RL = 500Ω, CL = 0.1µF
50
µs
VOUT Rise Time
tR
RL = 500Ω, CL = 0.1µF
12
µs
VOUT Fall Time
tF
RL = 500Ω, CL = 0.1µF
136
µs
Over Current Blanking Time
tBLANK
FPF2100, FPF2101, FPF2102, FPF2104,
FPF2105, FPF2106
510
20
ms
Auto-Restart Time
tRSTRT
FPF2100, FPF2101, FPF2104, FPF2105
80
160
320
ms
Short Circuit Response Time
VIN = VON = 3.3V. Moderate
Over-Current Condition.
3µs
VIN = VON = 3.3V. Hard Short.
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com