Electronic Components Datasheet Search
  English  ▼

X  

FPF2106 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FPF2106
Description  IntelliMAX™ Advanced Load Management Products
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2106 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FPF2106 Datasheet HTML 3Page - ON Semiconductor FPF2106 Datasheet HTML 4Page - ON Semiconductor FPF2106 Datasheet HTML 5Page - ON Semiconductor FPF2106 Datasheet HTML 6Page - ON Semiconductor FPF2106 Datasheet HTML 7Page - ON Semiconductor FPF2106 Datasheet HTML 8Page - ON Semiconductor FPF2106 Datasheet HTML 9Page - ON Semiconductor FPF2106 Datasheet HTML 10Page - ON Semiconductor FPF2106 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
6
www.fairchildsemi.com
FPF2100-FPF2107 Rev. H
Typical Characteristics
Figure 7. Current Limit vs. Output Voltage
Figure 8. Current Limit vs. Temperature
Figure 9. R(ON) vs. VIN
Figure 10. R(ON) vs. Temperature
Figure 11. TON/TOFF vs. Temperature
Figure 12. TRISE/TFALL vs. Temperature
0
100
200
300
400
500
600
700
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
VIN-VOUT (V)
FPF2104 - FPF2107
FPF2100 - FPF2103
100
200
300
400
500
600
700
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
FPF2104 - FPF2107
FPF2100 - FPF2103
60
80
100
120
140
160
180
200
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 1.8V
VIN = 3.3V
VIN = 5.5V
90
100
110
120
130
140
150
160
12345
6
VIN, INPUT VOLTAGE (V)
10
100
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
ILOAD = 10mA
VCC = 3.3V
TD(ON)
TD(OFF)
1
10
100
1000
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
ILOAD = 10mA
VCC = 3.3V
T(FALL)
T(RISE)
TON
TOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com