Electronic Components Datasheet Search
  English  ▼

X  

DT1884 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # DT1884
Description  DULUX T PLUS 18 W/840
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DT1884 Datasheet(HTML) 1 Page - OSRAM GmbH

  DT1884 Datasheet HTML 1Page - OSRAM GmbH DT1884 Datasheet HTML 2Page - OSRAM GmbH DT1884 Datasheet HTML 3Page - OSRAM GmbH DT1884 Datasheet HTML 4Page - OSRAM GmbH DT1884 Datasheet HTML 5Page - OSRAM GmbH DT1884 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product benefits
Very economical
Good quality of light
Excellent luminous flux
Long service life
Improved maintenance
Product features
Average life: 10,000 h
Color rendering index Ra: 80…89
Short and compact pin-base lamp with triple-turn tubes
Single-ended two-pin plug-in GX24d base
Product datasheet
DULUX T PLUS 18 W/840
OSRAM DULUX T PLUS | CFLni, 3 tubes, with 2-pin base for CCG operation
Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
Industrial lighting
__
August 25, 2014, 15:35:36
© 2014, OSRAM GmbH. All rights reserved.
DULUX T PLUS 18 W/840
Page 1 of 6


Similar Part No. - DT1884

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DT1 AEC-DT1 Datasheet
88Kb / 3P
high voltage industrial relays
logo
Extech Instruments Corp...
DT100 EXTECH-DT100 Datasheet
147Kb / 8P
Ultrasonic Distance Finder
logo
TDK Electronics
DT100 TDK-DT100 Datasheet
162Kb / 2P
100W to 150W AC-DC External Power Supplies
DT100/150-C TDK-DT100/150-C Datasheet
162Kb / 2P
100W to 150W AC-DC External Power Supplies
logo
Microchip Technology
DT100112 MICROCHIP-DT100112 Datasheet
165Kb / 2P
PIC-BLE Development Board
12-17-19
More results

Similar Description - DT1884

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332102 ADELS-332102 Datasheet
120Kb / 1P
GSK 840 VO/ 2
332103 ADELS-332103 Datasheet
121Kb / 1P
GSK 840 VO/ 3
332104 ADELS-332104 Datasheet
122Kb / 1P
GSK 840 VO/ 4
332105 ADELS-332105 Datasheet
111Kb / 1P
GSK 840 VO/ 5
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332403 ADELS-332403 Datasheet
120Kb / 1P
GSK 840 H/ 3
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
332405 ADELS-332405 Datasheet
111Kb / 1P
GSK 840 H/ 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com