Electronic Components Datasheet Search
  English  ▼

X  

DDE264 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # DDE264
Description  DULUX D/E 26 W/840
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DDE264 Datasheet(HTML) 1 Page - OSRAM GmbH

  DDE264 Datasheet HTML 1Page - OSRAM GmbH DDE264 Datasheet HTML 2Page - OSRAM GmbH DDE264 Datasheet HTML 3Page - OSRAM GmbH DDE264 Datasheet HTML 4Page - OSRAM GmbH DDE264 Datasheet HTML 5Page - OSRAM GmbH DDE264 Datasheet HTML 6Page - OSRAM GmbH DDE264 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product benefits
Extremly economical
Good quality of light
Excellent luminous flux
Long service life
Improved maintenance
OSRAM System+ Guarantee in combination with OSRAM QUICKTRONIC ECG
Product features
Average life: 20,000 h (with QUICKTRONIC)
Color rendering index Ra: 80…89
Dimmable (3…100 %)
Short and compact pin-base lamp with double-turn tubes
Single-ended four-pin plug-in G24q base
Operates on battery, solar and AC power with suitable electronic control gear
Product datasheet
DULUX D/E 26 W/840
OSRAM DULUX D/E | CFLni, 2 tubes, with 4-pin base for ECG operation
Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
Industry
__
August 25, 2014, 17:40:42
© 2014, OSRAM GmbH. All rights reserved.
DULUX D/E 26 W/840
Page 1 of 7


Similar Part No. - DDE264

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
DDE102 OSRAM-DDE102 Datasheet
218Kb / 7P
DULUX D/E 10 W/827
August 25, 2014
DDE134 OSRAM-DDE134 Datasheet
212Kb / 7P
DULUX D/E 13 W/840
August 25, 2014
DDE182 OSRAM-DDE182 Datasheet
207Kb / 7P
DULUX D/E 18 W/827
August 25, 2014
logo
Productwell Precision E...
DDE19I-003 PRODUCTWELL-DDE19I-003 Datasheet
79Kb / 1P
DC/DC CONVERTER TRANSFORMERS
logo
ITT Industries
DDE50P-0L2-K87-146 ITT-DDE50P-0L2-K87-146 Datasheet
9Mb / 301P
D Subminiature Connectors
More results

Similar Description - DDE264

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7849 SANYO-LA7849 Datasheet
230Kb / 2P
E/W DRIVE
logo
Arch Electronics Corp.
MTC30 ARCH-MTC30_18 Datasheet
204Kb / 3P
AC - D C I T E & M e d i c a l P o w e r M o d u l e
logo
PHOENIX CONTACT
106414 PHOENIX-106414 Datasheet
166Kb / 9P
PLD E 608 W
106445 PHOENIX-106445 Datasheet
149Kb / 10P
PLD E 400 W
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332982 ADELS-332982 Datasheet
111Kb / 1P
GSK 840 E VO/ 2 green printed "Earth"||" "1214053
GSK 840 E VO/ 3 green printed "Earth"||" "1214054
332983 ADELS-332983 Datasheet
111Kb / 1P
GSK 840 E VO/ 3 green printed
10/02/2020
332984 ADELS-332984 Datasheet
111Kb / 1P
GSK 840 E VO/ 4 green printed "Earth"||" "1214399
GSK 840 E VO/ 5 green printed "Earth"||" "1214400
332985 ADELS-332985 Datasheet
111Kb / 1P
GSK 840 E VO/ 5 green printed "Earth"
10/02/2020
332986 ADELS-332986 Datasheet
111Kb / 1P
GSK 840 E VO/ 6 green printed "Earth"
10/02/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com