Electronic Components Datasheet Search
  English  ▼

X  

635-1/2 Datasheet(PDF) 4 Page - Klein Tools, Inc.

Part # 635-1/2
Description  Drivers SCREW, NUT, MULTI & ADJUSTABLE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

635-1/2 Datasheet(HTML) 4 Page - Klein Tools, Inc.

  635-1/2 Datasheet HTML 1Page - Klein Tools, Inc. 635-1/2 Datasheet HTML 2Page - Klein Tools, Inc. 635-1/2 Datasheet HTML 3Page - Klein Tools, Inc. 635-1/2 Datasheet HTML 4Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2016 Klein Tools, Inc.
Lincolnshire, IL. 60069-1418
Rev. 10/17 96454
www.kleintools.com/catalog/drivers
See our complete line of
Drivers
Adjust to the length you need on the fly
Carry fewer tools with a more versatile screwdriver. The shafts adjust
anywhere from 4" to 8" (10 – 20 cm) for numerous length choices.
• Removable and reversible shafts with a different tip on each end
• Proprietary system securely holds the blade in place – as durable
as a traditional Klein fixed blade screwdriver
• Use on internet boxes, telecomm boxes, generators and more
Cat. No.
Description
Tips
32708
Adjustable Length Screwdriver
#1 & #2 Square
32751
Adjustable Length Screwdriver
#2 Phillips & 1/4" Slotted
Sets Replacement Blades
32618
Replacement Blades
#2 Phillips and 1/4" Slotted
32709
Replacement Blades
#1 & #2 Square
32713
Replacement Blades
#1 Phillips & 3/16" Slotted
32715
Replacement Blades (3-Pack)
#2 Phillips & 1/4" Slotted
#1 Phillips & 3/16" Slotted
#1 & #2 Square
32619
Handle only
N/A
Cat. No.
Tips
Hex Sizes
Overall Length
32593
#1 & #2 Phillips and 1/4" & 3/16" Slotted
1/4"
& 5/16"
3.5"
(63.5 mm)
32594
#1 & #2 Square, #2 Phillips & 3/16" Slotted
Ratcheting mechanism allows user to
work faster and with more efficiency
• Includes four different screwdriver bits and 1/4" and 5/16" nut drivers
6-in-1 Ratcheting
STUBBY SCREWDRIVERS
As the tradesperson’s needs change, so do Klein’s
products. The latest additions to our line of drivers
feature added functionality to increase productivity
and decrease the number of tools on the belt or in
the bag.
Cat. No.
Description
Tips
Overall Length
32290
15-in-1 Classic
#0, #1, #2, #3 Phillips; #1 and #2 Square;
#1 and #2 Combo; #10, #15, #20, #25
Torx; 4 and 6 MM Slotted; ¼” Hex
9"
(229 mm)
32291
15-in-1 Tamperproof
#10, #15, #20, #25, #27, #30 Torx-Pins;
1/8”, 9/64”, 5/32”, 3/16” Hex-Pins;
#6, #8, #10, #12 Spanners; ¼” Hex
32292
15-in-1 HVAC
#0, #1, #2 and #3 Phillips; #1 and #2
Square; Schrader Valve Insertion and
Core Removal Bits; #10, #15, #20 and
#25 Torx; 4 and 6 MM Slotted; ¼” Hex
Fixed shaft and internal storage compartment
for the bits so they stay with the driver
• These drivers include 14 different screwdriver tips plus a 1/4" nut driver
Adjustable Length
SCREWDRIVERS
Push up to retract
or shorten the shaft
Press down to extend
or lengthen the shaft
8"
4"
Internal storage for
screwdriver bits
15-in-1
SCREWDRIVERS
Drivers
SCREW, NUT, MULTI & ADJUSTABLE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com