Electronic Components Datasheet Search
  English  ▼

X  

60244 Datasheet(PDF) 2 Page - Klein Tools, Inc.

Part # 60244
Description  Safety GEAR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

60244 Datasheet(HTML) 2 Page - Klein Tools, Inc.

  60244 Datasheet HTML 1Page - Klein Tools, Inc. 60244 Datasheet HTML 2Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cat. No.
UPC 0-92644+
Description
60159
60159-0
Standard Safety Glasses, Clear Lens
60160
60160-6
Standard Safety Glasses, Gray Lens
60171
60171-2
Standard Safety Glasses, Clear Lens (2 pack)
60172
60172-9
Professional Safety Glasses, Clear Lens, Wide (2 pack)
60184
60184-2
Lightweight Gel Kneepads
60188
60188-0
Leather Gloves, L
60189
60189-7
Leather Gloves, XL
60185
60185-9
Cut 2 Touchscreen Glove, L (2 pairs)
60197
60197-2
Cut 2 Touchscreen Glove, XL (2 pairs)
60186
60186-6
Cut 4 Touchscreen Glove, L (2 pairs)
60198
60198-9
Cut 4 Touchscreen Glove, XL (2 pairs)
60244
60244-3
P100 Half-Mask Respirator, M/L
60269
60269-6
High-Visibility Safety Vest, M/L
60268
60268-9
High-Visibility Safety Vest, XL
60406
60083-8
Hard Hat, Non-Vented, Full Brim Style with Headlamp
60407
60084-5
Hard Hat, Vented, Full Brim with Headlamp
© 2020 Klein Tools, Inc.
Lincolnshire, IL 60069
82911 Rev. 03/20 A
www.kleintools.com
See our complete line of Personal Protection & Safety
Products will ship upon availability
New Safety GEAR from Klein Tools.
Your Source for Personal Protective Equipment.
60184
Lightweight Gel Kneepad
Lightweight gel and EVA foam cushions the knee
reducing wearer fatigue. The slip resistant rubber
cap enhances stability and balance while the
straps cinch tight for a comfortable, snug fit.
60159, 60160, 60171, 60172
Superior impact protection and scratch
resistance make these safety glasses
durable for jobsites. Light-weight and
non-slip fit with effective anti-fog
coating that will not wear off.
Safety Glasses
60188 (L) & 60189 (XL)
Genuine professional-grade goatskin
leather gloves provide knuckle and finger
protection while providing good dexterity
while holding tools. Padded palms and
mesh back provide comfort.
Full Leather Gloves
Cut 2:
60185 (L), 60197 (XL)
Stay connected and protected with touchscreen-capable
fingertips. Nitrile dip technology provides superior grip.
ANSI rated for cut resistance.
Cut 2 & Cut 4 Touchscreen Gloves
60269 (L) & 60268 (XL)
High-Visibility Safety Vest
Retroreflective material enhances visibility.
Mesh fabric on back provides breathability.
This vest has a zippered front with interior and
exterior pockets. ANSI/ISEA 107-2015,
Type R, Class 2.
60244
P100 Half-Mask Respirator
P100 half-mask respirator comes with
replaceable HEPA filters for dust, fumes
and mist. This respirator is compact,
hypo-allergenic with low-breathing
resistance. NIOSH approved.
60406
60407
Klein Hard Hats are designed with a unique
flexible open frame suspension with a padded
sweatband and top pad for comfort and secure fit.
Exclusive headlamp attaches on front and back mounts.
Available in Vented Class C and Non-vented Class E.
Hard Hats
Suspension
allows for
comfort and
proper fit
Cut 4:
60186 (L), 60198 (XL)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com