Electronic Components Datasheet Search
  English  ▼

X  

AFE7922 Datasheet(PDF) 1 Page - Texas Instruments

Part # AFE7922
Description  AFE7922 2T2R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE7922 Datasheet(HTML) 1 Page - Texas Instruments

  AFE7922 Datasheet HTML 1Page - Texas Instruments AFE7922 Datasheet HTML 2Page - Texas Instruments AFE7922 Datasheet HTML 3Page - Texas Instruments AFE7922 Datasheet HTML 4Page - Texas Instruments AFE7922 Datasheet HTML 5Page - Texas Instruments AFE7922 Datasheet HTML 6Page - Texas Instruments AFE7922 Datasheet HTML 7Page - Texas Instruments AFE7922 Datasheet HTML 8Page - Texas Instruments AFE7922 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AFE7922 2T2R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs
1 Features
• Request full data sheet
• Dual RF sampling 12GSPS transmit DACs
• Dual RF sampling 3GSPS receive ADCs
• Maximum RF signal bandwidth: 400MHz
• RF frequency range: 400MHz to 6GHz
• Digital step attenuators (DSA):
– TX: 40dB range, 0.125dB steps
– RX: 25dB range, 0.5dB steps
• Single or dual-band DUC or DDCs
• Optional Internal PLL or VCO for DAC or ADC
clocks or external clock at DAC or ADC sample
rate
• SerDes data interface:
– JESD204B and JESD204C compatible
– 8 SerDes transceivers up to 29.5Gbps
– Subclass 1 multidevice synchronization
• Package: 17mm × 17mm FCBGA, 0.8mm pitch
2 Applications
• Macro remote radio unit (RRU)
• Small cell base station
• Repeater
• Distributed Antenna Systems (DAS)
• Fixed Wireless Access (FWA)
3 Description
The AFE7922 is a high performance, wide bandwidth
multichannel transceiver, integrating two RF sampling
transmitter chains and two RF sampling receiver
chains. The high dynamic range of the transmitter
and receiver chains allows the device to generate and
receive 3G, 4G, and 5G signals from wireless base
stations, while the wide bandwidth capability of the
AFE7922 is designed for multiband 4G and 5G base
stations.
The TX signal paths support interpolation and digital
up conversion options that deliver up to 400MHz
of signal bandwidth per TX channel. The output
of the DUCs drives a 12GSPS DAC (digital to
analog converter) with a mixed mode output option
to enhance 2nd Nyquist operation. The DAC output
includes a variable gain amplifier (TX DSA) with 40dB
range and 1dB analog and 0.125dB digital steps.
Each receiver chain includes a 25dB range DSA
(Digital Step Attenuator), followed by a 3GSPS ADC
(analog-to-digital converter). Each receiver channel
has an analog peak power detector and various
digital power detectors to assist an external or
internal autonomous automatic gain controller, and
RF overload detectors for device reliability protection.
Flexible decimation options provide optimization of
signal bandwidth of up to 400MHz per RX channel.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
AFE7922
ABJ (FC-BGA,
400)
17mm × 17mm
(1)
For more information, see Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
AFE7922
SBASBA7 – JULY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AFE7922

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7920 TI1-AFE7920 Datasheet
350Kb / 12P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
AFE7920 TI2-AFE7920 Datasheet
319Kb / 13P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
REVISED JUNE 2020
AFE7920IABJ TI1-AFE7920IABJ Datasheet
350Kb / 12P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
AFE7920IABJ TI2-AFE7920IABJ Datasheet
319Kb / 13P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
REVISED JUNE 2020
AFE7920IABJ.B TI2-AFE7920IABJ.B Datasheet
319Kb / 13P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
REVISED JUNE 2020
More results

Similar Description - AFE7922

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7903 TI-AFE7903 Datasheet
15Mb / 152P
AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
MARCH 2022
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7955 TI1-AFE7955 Datasheet
15Mb / 126P
AFE7955 2T3R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com