Electronic Components Datasheet Search
  English  ▼

X  

8124 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 8124
Description  METAL CABLE CLAMPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

8124 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  8124 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
126
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
STEEL CABLE CLAMPS
STEEL HALF CLAMPS
INSULATED STEEL CABLE CLAMPS
INSULATED STEEL HALF CLAMPS
MATERIAL: .032 (.81) Steel, Zinc Plate
CAT.
D
L
NO.
FOR DIA. CTR TO CTR
8100
.187 (4.7)
.375 (9.5)
8101
.250 (6.4)
.406 (10.3)
8102
.312 (7.9)
.437 (11.1)
8103
.375 (9.5)
.468 (11.9 )
8104
.437 (11.1)
.500 (12.7)
8105
.500 (12.7)
.531 (13.5)
8106
.562 (14.4)
.562 (14.3)
8107
.625 (15.9)
.594 (15.1)
8108
.687 (17.4)
.625 (15.9)
8109
.750 (19.0)
.656 (16.7)
8110
.812 (20.6)
.687 (11.4)
8111
.875 (22.2)
.718 (18.2)
8112
.937 (23.8)
.750 (19.1)
8113
1.00 (25.4)
.781 (19.8)
MATERIAL: Steel, Zinc Plate
CAT.
D
H
L
G
W
NO.
FOR DIA. HOLE DIA. CTR TO CTR
B
THICK
WIDTH
8140
.125 (3.2)
.218 (5.5)
.437 (11.1)
.125 (3.2)
8141
.187 (4.7)
.218 (5.5)
.437 (11.1)
.156 (4.0)
.032 (.81)
.500 (12.7)
8142
.250 (6.4)
.218 (5.5)
.437 (11.1)
.187 (4.7)
8143
.312 (7.9)
.218 (5.5)
.500 (12.7) .250 (6.4)
.048 (1.22) .500 (12.7)
8144
.375 (9.5)
.218 (5.5)
.531 (13.5) .312 (7.9)
.048 (1.22) .625 (15.9)
8145
.437 (11.1) .218 (5.5)
.562 (14.3)
.375 (9.5)
8146
.500 (12.7) .218 (5.5)
.625 (15.9)
.437 (11.1)
8147
.562 (14.3) .218 (5.5)
.687 (17.4)
.500 (12.7) .060 (1.52) .625 (15.9)
8148
.625 (15.9) .218 (5.5)
.750 (19.1)
.562 (14.3)
8149
.687 (17.4)
.218 (5.5)
.812 (20.6) .625 (15.9)
8150
.750 (19.1) .218 (5.5)
.812 (20.6) .687 (17.4) .060 (1.52) .625 (15.9)
8151
.812 (20.6) .218 (5.5)
.875 (22.2) .750 (19.1)
8152
.875 (22.2) .281 (7.1)
.937 (23.8) .812 (20.6)
8153
.937 (23.8) .281 (7.1)
.968 (24.6) .812 (20.6) .060 (1.52) .750 (19.1)
8154
1.000 (25.4) .281 (7.1)
1.000 (25.4) .937 (23.8)
MATERIAL: .032 (.81) Steel,
Zinc Plate
Cushion: Black Vinyl
MATERIAL: Steel, Zinc Plate
Cushion: Black Vinyl
CAT.
D
L
NO.
FOR DIA.
CTR TO CTR
8121
.187 (4.7)
.406 (10.3)
8122
.250 (6.4)
.437 (11.1)
8123
.312 (7.9)
.468 (11.9)
8124
.375 (9.5)
.500 (12.7)
8125
.437 (11.1)
.531 (13.5)
8126
.500 (12.7)
.562 (14.3)
8127
.562 (14.3)
.594 (15.1)
8128
.625 (15.9)
.625 (15.9)
8129
.687 (17.4)
.656 (16.7)
8130
.750 (19.1)
.687 (17.4)
8131
.812 (20.6)
.718 (18.2)
8132
.875 (22.2)
.750 (19.1)
8133
.937 (23.8)
.781 (19.8)
8134
1.000 (25.4)
.812 (20.6)
D
L
.218
[5.6]
.500
[12.7]
.203 [5.2]
DIA.
B
L
W
D
G
H
W
L
B
D
G
H
.500
[12.7]
D
L
.218 [5.6]
.203 [5.2]
DIA.
Ideal for securing, insulating and routing cable, wiring, piping, tubing, components
and fibre optics.
Ideal for securing, insulating and routing cable, wiring, piping, tubing, components
and fibre optics.
Ideal for securing, grounding and routing cable, wiring, piping, tubing, components
and fibre optics.
Ideal for securing, grounding and routing cable, wiring, piping, tubing, components
and fibre optics.
CAT.
D
H
L
G
W
NO.
FOR DIA. HOLE DIA. CTR TO CTR
B
THICK
WIDTH
8160
.187 (4.7)
.218 (5.5)
.437 (11.1)
.187 (4.7)
.032 (.81)
.500 (12.7)
8161
.250 (6.4)
.218 (5.5)
.500 (12.7)
.250 (6.4)
.048 (1.22) .500 (12.7)
8162
.312 (7.9)
.218 (5.5)
.531 (13.5)
.312 (7.9)
.048 (1.22) .625 (15.9)
8163
.375 (9.5)
.218 (5.5)
.562 (14.3)
.375 (9.5)
8164
.437 (11.1) .218 (5.5)
.625 (15.9)
.437 (11.1)
8165
.500 (12.7) .218 (5.5)
.687 (17.4)
.500 (12.7)
8166
.562 (14.3) .218 (5.5)
.750 (19.1)
.562 (14.3)
.060 (1.52) .625 (15.9)
8167
.625 (15.9) .218 (5.5)
.812 (20.6)
.625 (15.9)
8168
.687 (17.4) .218 (5.5)
.812 (20.6)
.687 (17.4)
8169
.750 (19.1) .218 (5.5)
.875 (22.2)
.750 (19.1)
8170
.812 (20.6) .281 (7.1)
.937 (23.8)
.812 (20.6)
8171
.875 (22.2) .281 (7.1)
.968 (24.6)
.812 (20.6)
.060 (1.52) .750 (19.1)
8172
.937 (23.8) .281 (7.1)
1.000 (25.4)
.937 (23.8)
8173 1.000 (25.4) .281 (7.1)
1.062 (27.0) 1.000 (25.4)
M60Section8FREV1B1_11-2011 4/4/13 5:44PM Page126


Similar Part No. - 8124

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8124 SONARDYNE-8124 Datasheet
398Kb / 2P
Dynamic Positioning Transponder (DPT)
logo
3M Electronics
8124 3M-8124 Datasheet
964Kb / 5P
3M™ Round Conductor Flat Cable .100" 22 AWG Stranded, PVC
May 15, 2009
8124-16 3M-8124-16 Datasheet
964Kb / 5P
3M™ Round Conductor Flat Cable .100" 22 AWG Stranded, PVC
May 15, 2009
logo
RAF ELECTRONIC HARDWARE
8124-832-A RAF-8124-832-A Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
8124-832-SS RAF-8124-832-SS Datasheet
98Kb / 1P
ROUND INTERNAL THREAD HANDLE
More results

Similar Description - 8124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
CABLE CLAMPS ALUMINUM
logo
FCI connector
8655MH0901LF FCI-CONNECTOR-8655MH0901LF Datasheet
321Kb / 4P
STRAIGHT METAL HOODS WITH 2 METAL CLAMPS
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
CABLE CLAMPS AND TIES
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
Miniature Cable Clamps
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
Standard Cable Clamps
561-50C0125 ETC2-561-50C0125 Datasheet
146Kb / 2P
Heavy Duty Cable Clamps
logo
FCI connector
8655MH1501LF FCI-CONNECTOR-8655MH1501LF Datasheet
1Mb / 4P
4STRAIGHT METAL GOODS WITH 2 METAL CLAMPS
logo
OEN India Limited
04-ACC10 OENINDIA-04-ACC10 Datasheet
2Mb / 1P
Nylon Cable Clamps, Adjustable
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
Nylon Cable Clamps
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
Camcirc cable clamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com