Electronic Components Datasheet Search
  English  ▼

X  

040963 Datasheet(PDF) 1 Page - Wiha Tools

Part # 040963
Description  Wiha T-Handle, Flag and Key Handle.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

040963 Datasheet(HTML) 1 Page - Wiha Tools

  040963 Datasheet HTML 1Page - Wiha Tools 040963 Datasheet HTML 2Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 040963

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
04096 WIHA-04096 Datasheet
54Kb / 1P
L-key with T-handle
logo
Weidmuller
0409600000 WEIDMULLER-0409600000 Datasheet
56Kb / 2P
Wire-end ferrule, 0.75 mm짼, 6 mm, Colour code: Weidm체ller, white
0409600000 WEIDMULLER-0409600000 Datasheet
899Kb / 20P
Accessories
logo
Tyco Electronics
040967002000 MACOM-040967002000 Datasheet
204Kb / 3P
1 pole 10 A, for high inrush currents, mono- or bistable
040967003000 MACOM-040967003000 Datasheet
204Kb / 3P
1 pole 10 A, for high inrush currents, mono- or bistable
More results

Similar Description - 040963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
32641 ETC-32641 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools Ergonomic handle design for high torque
161-12 ETC2-161-12 Datasheet
250Kb / 1P
Wiha Flag Handle and Offset Screwdriver.
33403 ETC2-33403 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
36442 ETC2-36442 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
Schneider Electric
NSYTHL405PLM SCHNEIDER-NSYTHL405PLM Datasheet
80Kb / 2P
External handle with 405 barrel & key
May 7, 2021
NSYTHL421PLM SCHNEIDER-NSYTHL421PLM Datasheet
80Kb / 2P
External handle with 421 barrel & key
May 7, 2021
NSYTHL455PLM SCHNEIDER-NSYTHL455PLM Datasheet
80Kb / 2P
External handle with 455 barrel & key
May 7, 2021
NSYTHL2331APLM SCHNEIDER-NSYTHL2331APLM Datasheet
80Kb / 2P
External handle with 2331A barrel & key
May 7, 2021
NSYTHL2433APLM SCHNEIDER-NSYTHL2433APLM Datasheet
80Kb / 2P
External handle with 2433A barrel & key
May 7, 2021
NSYTHL3113APLM SCHNEIDER-NSYTHL3113APLM Datasheet
80Kb / 2P
External handle with 3113A barrel & key
May 7, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com