Electronic Components Datasheet Search
  English  ▼

X  

2852 Datasheet(PDF) 1 Page - Wiha Tools

Part # 2852
Description  Torque screwdriver iTorque®
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

2852 Datasheet(HTML) 1 Page - Wiha Tools

  2852 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
168
Which product is available with which drive? Page 304
Torque screwdriver iTorque®
with digital scale
28352
Order-No.
36886
0,4-1,5
60-210 in.oz 6%
4
134
34
1
36887
0,8-3,0
7-26 in.Ibs
6%
4
134
34
1
36888
1,0-5,0
9-44 in.Ibs
6%
4
134
40
1
DIN EN ISO 6789.
INFOBOX:
iTorque
The intelligent torque tool.
• Required torque can be adjusted and set on the handle
without the need for a separate tool.
• Large numerical display simplifies reading.
• ClickControl records every use and optimises the monitoring
of measuring instruments.
• Calibration alarm after 5,000 applications for absolute
process safety.
• Certified individual item testing directly after on-site
production.
• Broad selection of interchangeable blades and adapter
blades.
• Units can be switched (Nm » in.lb/ cNm » in.oz)
• Can be recalibrated
Torque screwdriver set TorqueVario®-S
assorted variably adjustable, 13-pcs. in box
2852 S10
Order-No.
26893
1
Torque screwdriver TorqueVario®-S Variable torque limit settings
0,8 - 5,0 Nm
Bit holder clamping with ball for torque screwdriver with long
handle
Adjusting tool for torque screwdriver with long handle
PH1 x 25  / PH2 x 25
PZ1 x 25  / PZ2 x 25
T10 x 25  / T15 x 25  / T20 x 25  / T25 x 25
3,0 x 25  / 4,0 x 25
DIN EN ISO 6789.
TORX®, TORX PLUS® with variably adjustable
torque limit, 13-pcs. in box
2852 S10-01
Order-No.
34614
1
Torque screwdriver TorqueVario®-S Variable torque limit settings
0,8 - 5,0 Nm
Bit holder clamping with ball for torque screwdriver with long
handle
Adjusting tool for torque screwdriver with long handle
T7 x 25  / T8 x 25  / T9 x 25  / T10 x 25  / T15 x 25
7IP x 25  / 8IP x 25  / 9IP x 25  / 10IP x 25  / 15IP x 25
DIN EN ISO 6789.
Torque screwdriver TorqueVario®-S
Variable torque limit settings
2852
Order-No.
36849
0,04-0,46•
10%
4
127
23
1
26888
0,1-0,6
10%
4
127
23
1
36850
0,1-0,6
6%
4
127
23
1
26461
0,4-1,0
6%
4
127
23
1
26462
0,5-2,0
6%
4
131
30
1
26463
0,8-5,0
6%
4
138
36
1
26464
2,0-7,0
6%
4
142
41
1
• Precision in range of 0.1-0.46 Nm. DIN EN ISO 6789.


Similar Part No. - 2852

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2852 KR-2852 Datasheet
48Kb / 2P
250 KHz elliptic type lowass filter
logo
Christian Bürkert GmbH ...
2852 BURKERT-2852 Datasheet
814Kb / 10P
2-way proportional valve with pressure relief
20.02.2024
logo
Adafruit Industries
2852 ADAFRUIT-2852 Datasheet
90Kb / 2P
NeoPixel Ring - 12 x 5050 RGBW LEDs w/ Integrated Drivers - Natural White - ~4500K
logo
Pro-Signal
28520R PROSIGNAL-28520R Datasheet
33Kb / 1P
Auto Scart Switches
logo
PHOENIX CONTACT
2852353 PHOENIX-2852353 Datasheet
83Kb / 4P
Relay connectors - ST-REL4-KG 24/ 1- 1
More results

Similar Description - 2852

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1208429 PHOENIX-1208429 Datasheet
53Kb / 3P
Torque screwdriver - TSD 04 SAC
1208487 PHOENIX-1208487 Datasheet
52Kb / 3P
Torque screwdriver - TSD 02 SAC
1212020 PHOENIX-1212020 Datasheet
49Kb / 3P
Torque screwdriver - TSD 20 SAC
1212224 PHOENIX-1212224 Datasheet
58Kb / 3P
Torque screwdriver - TSD-M 1,2NM
1212225 PHOENIX-1212225 Datasheet
58Kb / 3P
Torque screwdriver - TSD-M 3NM
1212226 PHOENIX-1212226 Datasheet
59Kb / 3P
Torque screwdriver - TSD-M 6NM
1212315 PHOENIX-1212315 Datasheet
48Kb / 3P
Torque screwdriver - TSD 25 SAC
1212597 PHOENIX-1212597 Datasheet
52Kb / 2P
Torque screwdriver - TSD 08 SAC
1607456 PHOENIX-1607456 Datasheet
43Kb / 2P
Torque screwdriver - SF-Z0028
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com