Electronic Components Datasheet Search
  English  ▼

X  

05065 Datasheet(PDF) 2 Page - ABB

Part # 05065
Description  ABB wiring ducts Allied to your business
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

05065 Datasheet(HTML) 2 Page - ABB

  05065 Datasheet HTML 1Page - ABB 05065 Datasheet HTML 2Page - ABB 05065 Datasheet HTML 3Page - ABB 05065 Datasheet HTML 4Page - ABB 05065 Datasheet HTML 5Page - ABB 05065 Datasheet HTML 6Page - ABB 05065 Datasheet HTML 7Page - ABB 05065 Datasheet HTML 8Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For cabling in electrical switchboards and cabinets, ABB Sace has the
wiring ducts you need for every application: with slots or with knock-outs,
flexible and in lead-free and halogen-free thermoplastics. The first on the
market to be awarded the EN 50085-2-3 conformity, ABB wiring ducts
are now available in new versions that are even more practical, safer and
faster to install. Discover the new features.
Lead-free thermoplastic ducts with
vertical slots 8-12 / 4-6 mm
Twenty-eight combinations of base and
height, up to 150 mm x 100 mm when you
need plenty of space for your cables. The
new cover and strong sides contain and
protect cables, and the system features
rapid installation and rib removal that
won’t hurt your hands.
Whatever you need, ABB has got
what you’re looking for.
Thermoplastic ducts with knock-outs
The circular knock-outs on the sides protect
the cables from dirt and dust (IP40) and
facilitate branch connections using rigid
and corrugated conduits and cables. These
ducts are ideal for use in lift rooms and
similar locations.
Flexible thermoplastic ducts
For cabling routes that are subject to flexion and torsion,
these ducts bend without breaking or damaging the
cables inside. Affix them with screws and rivets or
with the special high-bond adhesive tape (suitable for
use even on steel). Add and remove cables simply by
splaying open the ribs.
Better
robustness
Easy
closing of
covers
08_canalineEN.indd 3
08_canalineEN.indd 3
23-11-2007 8:10:55
23-11-2007 8:10:55



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com