Electronic Components Datasheet Search
  English  ▼

X  

05037 Datasheet(PDF) 7 Page - ABB

Part # 05037
Description  ABB wiring ducts Allied to your business
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

05037 Datasheet(HTML) 7 Page - ABB

  05037 Datasheet HTML 1Page - ABB 05037 Datasheet HTML 2Page - ABB 05037 Datasheet HTML 3Page - ABB 05037 Datasheet HTML 4Page - ABB 05037 Datasheet HTML 5Page - ABB 05037 Datasheet HTML 6Page - ABB 05037 Datasheet HTML 7Page - ABB 05037 Datasheet HTML 8Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Halogen
fr
ee
RoHS
compliance
With 8-12 / 4-6 mm slots
• halogen free thermoplastic in conformity with
VDE 0472 standard Part 815: Br + Cl < 0.2 %,
F < 0.1 %
• toxic smoke index: 25.78 in conformity with NF
X70-100 and NF F16-101 standards
• opacity of smoke*:
Dm 352.2 (2 mm)
V0F4 475.8 (2 mm) in conformity with NF X10-
702 standard (NF F16-101 reference)
• based on the values obtained in the opacity and
toxicity tests of smoke, the material belongs
to class F2 (in conformity with NF F16-101
standard)
• insulating, shock-resistant and self-extinguishing
thermoplastic in conformity with UL 94 V0
standard, resistant to abnormal heat and fire
up to 850 °C (glow-wire test) in conformity with
IEC 60695-2-1 standard
• dimensional stability from -40 to +100 °C
• standard length 2 m
• colour RAL 7035 grey
• conforms to EN 50085-2-3 standard
• conforms to RoHS directive
* in the event of fire, it is extremely important that the degree
of opacity of smoke during the first 4 minutes is as reduced
as possible in order to allow evacuation of persons from
areas at risk
Article
Dimensions
W x H (mm)
No.metres in pack
8-12 mm slot
4-6 mm slot
1SL9019A00
1SL9119A00
15x17
46
1SL9033A00
1SL9133A00
25x30
58
1SL9035A00
1SL9135A00
40x30
38
1SL9037A00
1SL9137A00
60x30
52
1SL9043A00
1SL9143A00
25x40
48
1SL9045A00
1SL9145A00
40x40
30
1SL9047A00
1SL9147A00
60x40
40
1SL9049A00
1SL9149A00
80x40
32
1SL9051A00
1SL9151A00
100x40
24
1SL9053A00
1SL9153A00
120x40
20
1SL9063A00
1SL9163A00
25x60
34
1SL9065A00
1SL9165A00
40x60
22
1SL9067A00
1SL9167A00
60x60
32
1SL9069A00
1SL9169A00
80x60
24
1SL9071A00
1SL9171A00
100x60
20
1SL9073A00
1SL9173A00
120x60
14
1SL9083A00
1SL9183A00
25x80
28
1SL9085A00
1SL9185A00
40x80
36
1SL9087A00
1SL9187A00
60x80
24
1SL9089A00
1SL9189A00
80x80
16
1SL9091A00
1SL9191A00
100x80
16
1SL9093A00
1SL9193A00
120x80
12
Halogen-free thermoplastic ducts
08_canalineEN.indd 8
08_canalineEN.indd 8
23-11-2007 8:12:01
23-11-2007 8:12:01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com