Electronic Components Datasheet Search
  English  ▼

X  

101 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 101
Description  20mm COIN CELL HOLDERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

101 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  101 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20mm THRU-HOLE MOUNT COIN CELL HOLDERS
3
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
Mounting Detail
.035 [.89] DIA.
.094 [2.4]
.787
[20.0]
Mounting Detail
.055 [1.4]
.300 [7.6]
.280 [7.1]
-
+
.094 [2.4]
DIA
.047 [1.19] DIA.
• Battery “Pop-in”from top for compact applications
• Finger pressure against leaver will release battery
• No tools required for battery changes
MATERIAL:
Contacts: .016 (.40) Phosphor Bronze, Tin Plate
Base: Nylon UL Rated 94V-0
.118 [3.0]
.295 [7.5]
.515 [13.1]
.600 [15.2]
.315 [8.0]
.060 [1.52] DIA.
.136 [3.5]DIA.
Mounting Detail
• Accepts all major manufacturers’ 20mm diameter batteries
• Molded notch prevents improper insertion of 2032 size cells
• Retains cells securely, withstands shock and vibration
• Polarity clearly marked
• Mounts securely for wave soldering
• Temperature range: -60°F to +293°F (-50°Cto+145°C)
MATERIAL:
Contacts:.016 (.40) Spring Steel, Tin-Nickel Plate
Base: PBT, UL Rated 94V-0
MATERIAL:
Contacts: .012 (.30) Spring Steel, Tin-Nickel Plate
Base: PBT, UL Rated 94V-0
• Polarized holder
• Mounts securely for wave soldering
• Reliable spring tension assures low contact resistance
• Retains 20mm batteries securely to withstand shock and vibration
• Temperature range -60°F to +293°F (-50°C to +145°C)
MATERIAL:
Contacts: .020 (.50) Spring Steel, Tin-Nickel Plate
Base: PBT, UL Rated 94V-0
.059 [1.50] DIA. LEG (3) PLS.
ON .730 [18.5] CIRCLE DIA.
.023 [.58]
.906 [23.0]
.122 [3.10]
.807 [20.5]
.787
[20.0]
.388 [9.85]
1.089 [27.7]
Mounting Detail
.807 [20.5]
.070 [1.78]
.050 [1.27] DIA.
+
-
.060 [1.57] DIA x
.062 [1.57] L. LEG
.038 [1.0]
.875 [22.2]
.300 [7.6]
.140 [3.6]
.785 [19.9]
.670 [17.0]
.280
[7.1]
.531 [3.6]
(2) PLS
NEG
1.000
[25.4]
REF.
.918 [23.3]
.238 [6.0]
.920 [23.4]
1.040 [26.4]
.150 [3.8]
.070
[1.8]
.600 [15.2]
.300 [7.6]
.515
[13.1]
.050 [1.3]
.045 [1.14]
.145 [3.7]
.795
[20.2]
DIA.
+
CAT. NO.
G
H
L
O.D.
NO. OF CELLS
BATTERY REFERENCE
103
.100 (2.5) .335 (8.5) 1.130 (28.7)
.896 (22.8)
(1) cell (any 20mm)
BR2012,CR2012, CR2016, CL2016, DL2020, CL2025, BR2025, CR2032, CL2032
(2) 2012, (2) 2016
101
.179 (4.6) .414 (10.5) 1.130 (28.7)
.896 (22.8)
(1) cell (any 20mm)
BR2012,CR2012, CR2016, CL2016, DL2020, CL2025, BR2025, CR2032, CL2032
(2) 2012, (2) 2016
106
.100 (2.5) .335 (8.5)
1.219 (31.0) 1.093 (27.8)
(1) cell (any 20mm)
BR2012,CR2012, CR2016, CL2016, DL2020, CL2025, BR2025, CR2032, CL2032
(2) 2012, (2) 2016
1026
.100 (2.5) .452 (11.5) 1.219 (31.0) 1.093 (27.8) (2) 2020, (2) 2025, (2) 2032 DL2020, CR2020, CL2025, BR2025, CR2032, CL2032
.062 [1.57] DIA.
LEG (3) PLS.
ON .750 [19.00]
CIRCLE DIA.
.050 [1.27]
.045 [1.14]
.807 [20.5]
AT TIP
.796 [20.2] I.D.
O.D.
L
H
.179 [4.6]
NEG
.250 [6.3]
+
G
• Cat. No. 101 is designed to maximize
PC Board Capacity
• Unique raised mounting design allows
components to be placed underneath
the holder
• Ideal when board space is more impor-
tant than board height; such as
PC/104 applicatons
• Advanced air-flow design enhances air circulation
around battery
• Reliable spring tension assures low contact resistance
• Unique notched slots assure quick and easy battery
insertion and replacement
• Retains battery securely to withstand shock and vibration
• PBT base material UL rated 94V-0. Impervious to most
industrial solvents
• Operating temperature range:
-60ºF to +293ºF (-50ºC to +145ºC)
CAT. NO.
BATTERY REFERENCE
1065
BR2012, CR2016, DL2020, CL2025, CR2032
CAT. NO.
BATTERY REFERENCE
1067
CR2016, DL2020, CL2025, CR2032
CAT. NO.
BATTERY REFERENCE
1066
BR2025, CR2032
TOP LOADING
VERTICAL COMPACT
VERTICAL SLIMLINE
M60Section1FRevA4-COLOR 4/4/13 4:19PM Page5


Similar Part No. - 101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
101 STMICROELECTRONICS-101 Datasheet
38Kb / 5P
0.9/1.9GHz BROAD BAND PRE-POWER AMPLIFIER
22-Jan-2002
logo
Riedon Powertron
101 RIEDON-101 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
Productwell Precision E...
101 PRODUCTWELL-101 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
List of Unclassifed Man...
101 ETC2-101 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
Silicon Laboratories
101 SILABS-101 Datasheet
452Kb / 13P
NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
More results

Similar Description - 101

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH-25 ADAM-TECH-BH-25 Datasheet
155Kb / 1P
BATTERY HOLDERS COIN CELL BATTERY HOLDERS
logo
Harwin Plc
S8211-46R HARWIN-S8211-46R Datasheet
123Kb / 1P
COIN CELL RETAINER (20MM)(TAPE &REELED)
logo
List of Unclassifed Man...
12BH002-GR ETC2-12BH002-GR Datasheet
83Kb / 1P
20MM Coin Cell Holder Surface Mount
122-2512-GR ETC2-122-2512-GR Datasheet
232Kb / 1P
20mm Coin Cell Battery Holder
122-2520-GR ETC2-122-2520-GR Datasheet
188Kb / 1P
Single 20mm Coin Cell Holder
122-2582-GR ETC2-122-2582-GR Datasheet
216Kb / 1P
20mm Coin Cell Battery Holder
122-2620-GR ETC2-122-2620-GR Datasheet
93Kb / 1P
20mm Coin Cell Battery Holder
122-2820-GR ETC2-122-2820-GR Datasheet
188Kb / 1P
SMT 20mm Coin Cell Battery Holder
logo
SparkFun Electronics
DEV-10730 SPARKFUN-DEV-10730 Datasheet
101Kb / 1P
LilyPad Coin Cell Battery Holder - 20mm
11/24/2015
DEV-11285 SPARKFUN-DEV-11285 Datasheet
106Kb / 1P
LilyPad Coin Cell Battery Holder - Switched - 20mm
10/13/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com