Electronic Components Datasheet Search
  English  ▼

X  

05063 Datasheet(PDF) 6 Page - ABB

Part # 05063
Description  ABB wiring ducts Allied to your business
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

05063 Datasheet(HTML) 6 Page - ABB

  05063 Datasheet HTML 1Page - ABB 05063 Datasheet HTML 2Page - ABB 05063 Datasheet HTML 3Page - ABB 05063 Datasheet HTML 4Page - ABB 05063 Datasheet HTML 5Page - ABB 05063 Datasheet HTML 6Page - ABB 05063 Datasheet HTML 7Page - ABB 05063 Datasheet HTML 8Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Better and faster
Attach the profile and
remove the rib, repeat
the operation and in just
a few seconds you have
your cabling done. And
it’s even faster and more
precise with the special
tools and accessories:
the shears, the Fix-O-
Rapid accessory for fixing
to DIN rails and mounting
plates, and the rivet
fastener.
12
34
Total safety
We know how you
work. You can’t afford
to make mistakes or
lose time, and that’s why
we develop materials
and shapes that
protect both you and
your installations. You
can handle our ducts
practically and safely: the
ribs bend up to around
90° without breaking
and, like all other parts,
they are free from burrs
or sharp edges that
could lead to abrasions
on hands and cables.
08_canalineEN.indd 7
08_canalineEN.indd 7
23-11-2007 8:11:52
23-11-2007 8:11:52



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com