Electronic Components Datasheet Search
  English  ▼

X  

LSK389 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LSK389
Description  ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LSK389 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LSK389 Datasheet HTML 1Page - Linear Integrated Systems LSK389 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
FEATURES
ULTRA LOW NOISE
en = 0.9nV/√Hz (typ)
TIGHT MATCHING
|VGS1-2| = 20mV max
HIGH BREAKDOWN VOLTAGE
BVGSS = 40V max
HIGH GAIN
Yfs = 20mS (typ)
LOW CAPACITANCE
25pF typ
IMPROVED SECOND SOURCE REPLACEMENT FOR 2SK389
ABSOLUTE MAXIMUM RATINGS
1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-65 to +150 °C
Operating Junction Temperature
-55 to +135 °C
Maximum Power Dissipation
Continuous Power Dissipation @ +125 °C
400mW
Maximum Currents
Gate Forward Current
IG(F) = 10mA
Maximum Voltages
Gate to Source
VGSS = 40V
Gate to Drain
VGDS = 40V
MATCHING CHARACTERISTICS @ 25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNIT
CONDITIONS
GS2
GS1
V
V
−
Differential Gate to Source Cutoff
Voltage
20
mV
VDS = 10V, ID = 1mA
DSS2
DSS1
I
I
Gate to Source Saturation Current Ratio
0.9
-
VDS = 10V, VGS = 0V
ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNITS
CONDITIONS
BVGSS
Gate to Source Breakdown Voltage
40
V
VDS = 0, ID = 100µA
VGS(OFF)
Gate to Source Pinch-off Voltage
0.15
2
V
VDS = 10V, ID = 0.1µA
LSK389A
2.6
6.5
LSK389B
6
12
IDSS
Drain to Source Saturation
Current
LSK389C
10
20
mA
VDS = 10V, VGS = 0
IGSS
Gate to Source Leakage Current
200
pA
VGS = -30V, VDS = 0
LSK389
ULTRA LOW NOISE
MONOLITHIC DUAL
N-CHANNEL JFET
Linear Integrated Systems
*For equivalent single version, see LSK170 family.
1
2
3
4
8
7
6
5
SOIC-A
S1
D1
SS
G1
G2
SS
D2
S2
5
BOTTOM VIEW
TO-71
1
2
3
6
7
D1
G1
S1
S2
D2
G2


Similar Part No. - LSK389

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSK389 SIEMENS-LSK389 Datasheet
403Kb / 7P
LC ARGUS LED Low current 3 mm T1 LED, Non Diffused
logo
New Jersey Semi-Conduct...
LSK389 NJSEMI-LSK389 Datasheet
88Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
LSK389 MICROSS-LSK389 Datasheet
574Kb / 1P
Linear Systems replaces discontinued Toshiba 2SK389 with LSK389
logo
Linear Integrated Syste...
LSK389-A-SOIC-8 LINEAR-LSK389-A-SOIC-8 Datasheet
238Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK389-A-SOIC-A8L LINEAR-LSK389-A-SOIC-A8L Datasheet
238Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
More results

Similar Description - LSK389

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS843-5 LINEAR-LS843-5 Datasheet
32Kb / 2P
ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
2N3954 MICROSS-2N3954 Datasheet
283Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST404_PDIP MICROSS-SST404_PDIP Datasheet
282Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U402_TO-71 MICROSS-U402_TO-71 Datasheet
287Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U405_TO-78 MICROSS-U405_TO-78 Datasheet
286Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U406_TO-71 MICROSS-U406_TO-71 Datasheet
286Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
logo
New Jersey Semi-Conduct...
LSK389 NJSEMI-LSK389 Datasheet
88Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
logo
Linear Integrated Syste...
LS843 LINEAR-LS843_14 Datasheet
327Kb / 2P
ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK389 LINEAR-LSK389_14 Datasheet
238Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK489A LINEAR-LSK489A Datasheet
523Kb / 7P
Low Noise, Monolithic Dual N-Channel JFET Amplifier
04/12/2022 Rev. A40
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com